전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LPD-23PB-R

  • AI
    ## LPD-23PB-R: High-Speed PIN Photodiode Overview The **LPD-23PB-R** is a high-speed Silicon (Si) PIN photodiode typically used for optical communications and high-speed light detection. It is designed to convert optical signals into electrical current with high efficiency and low noise. ### 1. Key Technical Specifications | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Spectral Response Range** | 400 nm – 1100 nm | Covers visible to near-infrared spectrum. | | **Peak Sensitivity** | ~850 nm | Optimized for common fiber optic wavelengths. | | **Active Area Diameter** | 0.23 mm (230 µm) | Small area to minimize capacitance for high speed. | | **Dark Current ($I_d$)** | < 0.5 nA (@ VR = 5V) | Ensures high signal-to-noise ratio. | | **Capacitance ($C_t$)** | ~1.0 pF | Low capacitance allows for fast rise/fall times. | | **Rise/Fall Time ($t_r/t_f$)** | < 1.0 ns | Suitable for GHz-range data transmission. | --- ### 2. Physical and Electrical Characteristics * **Structure:** It is a **PIN Photodiode**. The "I" (Intrinsic) layer between the P and N layers reduces junction capacitance, allowing the device to operate at much higher frequencies than standard PN diodes. * **Package Type:** Usually comes in a **TO-46** metal can package or a fiber-pigtailed housing, designed for easy integration into optical assemblies. * **Reverse Bias Operation:** To achieve maximum speed (lowest capacitance), this device is typically operated in a reverse-bias mode (Photoconductive mode). --- ### 3. Common Applications 1. **Optical Fiber Communications:** Used in receivers for short-to-medium distance data links (Fast Ethernet, Fiber Channel). 2. **Laser Back-Facet Monitoring:** Monitoring the power output of laser diodes to maintain stability. 3. **High-Speed Light Detection:** Used in scientific instrumentation and time-of-flight (ToF) sensors. 4. **Optical Remote Control:** High-frequency pulse detection for specialized industrial controls. --- ### 4. Typical Connection Diagram When used in a high-speed circuit, it is often paired with a **Transimpedance Amplifier (TIA)** to convert the low-level current into a usable voltage. ```c Vcc (Reverse Bias) | [ ] R_bias | +------|<|------ Gnd (Anode) | (Photodiode) | [ C_coupling ] | +------> To TIA Input (Signal Out) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a PIN photodiode and an Avalanche photodiode (APD)?
    • ⤷ How does reverse bias voltage affect the speed of the LPD-23PB-R?
    • ⤷ What are the recommended Transimpedance Amplifiers for this photodiode?