전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LPD-31P3-R/Q

  • AI
    The **LPD-31P3-R/Q** is a specialized electronic component, typically categorized as a **High-Performance PIN Photodiode** used in fiber optic communication systems. Below is a detailed technical breakdown of its parts and characteristics. --- ### 1. Component Overview The LPD-31P3-R/Q is designed for high-speed data reception, converting optical signals (light) into electrical signals. It is often integrated into ROSAs (Receiver Optical Sub-Assemblies). | Feature | Description | | :--- | :--- | | **Material** | InGaAs (Indium Gallium Arsenide) | | **Active Area** | Usually small (approx. 30-75μm) to minimize capacitance | | **Spectral Range** | 1100nm to 1650nm (Standard Telecom C & L Bands) | | **Responsivity** | High efficiency, typically 0.85 A/W @ 1310nm | | **Dark Current** | Extremely low (often < 1nA) to ensure high sensitivity | --- ### 2. Internal Electronic Parts The device is not just a single piece of silicon; it is a micro-assembly consisting of several critical elements: #### A. The InGaAs Chip The "heart" of the component. Indium Gallium Arsenide is used because its bandgap is perfectly tuned to detect long-wavelength infrared light used in fiber optics (1310nm and 1550nm). #### B. PIN Structure Unlike a standard PN junction, this includes an **Intrinsic (I)** layer between the Positive (P) and Negative (N) layers. * **Purpose:** Increases the depletion region width. * **Result:** Lower capacitance and faster response times (high GHz range). #### C. The Header / Package (TO-Can) The "P3" in the part number often refers to the package style, typically a **TO-46** or similar transistor outline can. * **Window/Lens:** A spherical or ball lens is often integrated into the cap to focus light from the fiber onto the small active area of the chip. * **Kovar Pins:** Gold-plated leads for high conductivity and corrosion resistance. #### D. Internal Wire Bonds Microscopic gold wires connect the InGaAs chip pads to the external pins. The length and thickness of these wires are strictly controlled to minimize **parasitic inductance**, which could slow down the signal. --- ### 3. Key Specifications Table | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Bandwidth** | 2.5 - 10 | GHz | | **Capacitance** | 0.45 | pF | | **Reverse Voltage** | 5 - 20 | V | | **Operating Temp** | -40 to +85 | °C | --- ### 4. Circuit Implementation In a typical electronic circuit, the LPD-31P3-R/Q is used in a **Reverse Bias** configuration. It is usually paired with a **Transimpedance Amplifier (TIA)** to convert the resulting micro-ampere current into a usable voltage for data processing.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and Q suffixes for this specific part number?
    • ⤷ How does the lens type in a TO-can affect the coupling efficiency?
    • ⤷ What are the typical applications for a 10GHz PIN photodiode?