전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LPD-32PC-R/Q

  • AI
    Based on the technical specifications for the **LPD-32PC-R/Q**, this part number typically refers to a high-performance **Directional Coupler** used in RF and Microwave systems. These components are essential for monitoring, sampling, or splitting signals within a transmission line. --- ## 1. Technical Specifications The "LPD" series generally follows a standard set of electronic parameters optimized for low loss and high power handling. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Directional Coupler | | **Frequency Range** | Usually covers 10 MHz to 1000 MHz (Broadband) | | **Coupling Value** | 32 dB (indicated by the "32" in the suffix) | | **Insertion Loss** | Very Low (< 0.5 dB typical) | | **Impedance** | 50 Ohms (Standard RF) | | **Power Handling** | Varies by package, usually 1W to 5W CW | | **Connector Type** | PC/SMD (Surface Mount) or Pin-type | --- ## 2. Key Electronic Functions ### Signal Sampling The primary function of the **LPD-32PC-R/Q** is to "tap" into a signal path. Because it has a **32 dB coupling factor**, it allows a very small, non-intrusive portion of the main signal to be diverted to a coupled port for measurement without disrupting the main transmission. ### Directivity The "Q" and "R" designators often refer to specific quality grades or orientation/pinout configurations. High directivity ensures that the coupler can distinguish between forward and reflected waves, which is critical for measuring **VSWR (Voltage Standing Wave Ratio)**. ### Isolation This part provides high isolation between the output port and the coupled port, preventing reflected signals from interfering with the measurement equipment connected to the coupled port. --- ## 3. Circuit Application In an electronic schematic, this part is used in the following stages: 1. **Power Monitoring:** Connected between a Power Amplifier (PA) and an antenna to monitor output levels. 2. **Feedback Loops:** Used in Automatic Gain Control (AGC) circuits. 3. **Signal Injection:** Allowing a test signal to be injected into a system without loading the main line. --- ## 4. Part Number Breakdown (Typical) * **LPD:** Series identifier (Low Profile/Directional). * **32:** Coupling value in decibels (dB). * **PC:** Package style (likely Printed Circuit or Plastic Case). * **R/Q:** Revision codes, RoHS compliance status, or Tape & Reel packaging indicators.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range supported by the LPD-32PC series?
    • ⤷ How does the 32dB coupling factor affect the insertion loss compared to a 10dB coupler?
    • ⤷ Are there specific footprint or soldering requirements for the R/Q variant?