전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LPD-32PD-R/Q

  • AI
    The **LPD-32PD-R/Q** is a high-performance **32-way Power Divider/Combiner** typically used in RF (Radio Frequency) and microwave engineering. These components are essential for splitting a single input signal into 32 equal parts or combining 32 signals into one. --- ### 1. Key Technical Specifications Based on typical industry standards for the LPD-32PD series, the electronic characteristics generally include: | Parameter | Typical Value / Range | | :--- | :--- | | **Frequency Range** | Usually broadband (e.g., 500 MHz to 6000 MHz) | | **Insertion Loss** | ~1.5 dB to 4.0 dB (above theoretical 15.05 dB split loss) | | **Isolation** | ≥ 18 dB to 20 dB | | **VSWR (Input/Output)** | 1.35:1 to 1.6:1 | | **Amplitude Balance** | ± 0.5 dB to ± 1.0 dB | | **Phase Balance** | ± 5° to ± 10° | | **Power Handling** | 20W to 50W (as a divider) | --- ### 2. Internal Electronic Design The device is built using a **Wilkinson Power Divider** architecture or a multi-stage stripline/microstrip network. #### A. The Splitting Mechanism The "32-way" configuration is achieved through a tree-like structure of binary splits: 1. One input splits into 2. 2. Those 2 split into 4. 3. Those 4 split into 8... and so on until 32 outputs are reached. #### B. Isolation Resistors To ensure that a problem on one output port (like a short circuit) does not affect the other 31 ports, internal **balancing resistors** are used. These dissipate the reflected energy, maintaining high isolation between the output channels. #### C. Impedance Matching The internal traces are precision-etched to maintain a **50 Ohm characteristic impedance**. This prevents signal reflections (Return Loss) that could damage sensitive RF transmitters. --- ### 3. Physical & Connection Parts The suffix **"R/Q"** often refers to specific mechanical or connector configurations: * **Connectors:** Usually utilizes **SMA-Female** or **N-Type** connectors due to the high density of ports. * **Housing:** CNC machined aluminum enclosure for EMI/RFI shielding. * **Finish:** Conductive oxidation or chemical film to ensure grounding and prevent corrosion. --- ### 4. Typical Applications * **5G/LTE Base Stations:** Distributing signals to large antenna arrays (MIMO). * **Satellite Communications:** Combining signals from multiple receivers. * **Laboratory Testing:** Splitting a signal generator source to test 32 devices simultaneously.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and Q suffixes in this specific part number?
    • ⤷ How does insertion loss change as the frequency increases for 32-way dividers?
    • ⤷ Can this device be used as a power combiner for high-power transmitters?