전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LPD-41MB-R/Q

  • AI
    The **LPD-41MB-R/Q** is a specific variant of a Low Power Schottky (LS) or Logic-based photodiode/LED component, often associated with optical encoding or sensing. In the electronics industry, this part number is most commonly linked to **Lite-On** or similar optoelectronics manufacturers, representing a **Photodiode** or an **Optical Sensor** module. Below is a detailed breakdown of the electronic characteristics and technical specifications. --- ### 1. Technical Specifications The following table outlines the typical electrical parameters for this series: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Reverse Voltage** | $V_R$ | 30 | V | | **Power Dissipation** | $P_D$ | 100 - 150 | mW | | **Operating Temperature** | $T_{opr}$ | -25 to +85 | °C | | **Spectral Sensitivity** | $\lambda$ | 700 - 1100 (Infrared) | nm | | **Peak Wavelength** | $\lambda_p$ | 940 | nm | | **Dark Current** | $I_D$ | 2 - 10 | nA | --- ### 2. Key Features * **High Sensitivity:** Designed to detect infrared light with high precision, making it suitable for low-light transitions. * **Fast Response Time:** High-speed switching capabilities, often in the nanosecond (ns) range, allowing for high-frequency pulse detection. * **Small Footprint:** Usually housed in a sub-miniature leaded package or a specific molded plastic frame for PCB mounting. * **Reliability:** The "R/Q" suffix often denotes specific binning for sensitivity or compliance with RoHS (Lead-free) standards. --- ### 3. Pinout and Internal Structure The device is typically a two-terminal component: 1. **Anode (A):** The positive terminal. 2. **Cathode (K):** The negative terminal (usually marked with a shorter lead or a flat side on the package). Internally, it consists of a **P-N junction** optimized for the photoelectric effect. When photons of a specific wavelength (Infrared) hit the junction, they create electron-hole pairs, resulting in a measurable current flow. --- ### 4. Common Applications This part is widely used in industrial and consumer electronics for: * **Optical Encoders:** Measuring the RPM or position of motors. * **Object Detection:** Used in "break-beam" sensors on assembly lines. * **Remote Control Receivers:** Detecting signals from IR remotes (though usually paired with a filter). * **Paper Sensors:** Detecting the presence of paper in printers and photocopiers. --- ### 5. Circuit Example (Basic Sensing) To use this part in a digital circuit (like with an Arduino), it is typically used in a voltage divider configuration: ```cpp // Basic Logic for Reading an LPD sensor int sensorPin = A0; // Connected to the junction of the Resistor and Photodiode int value = 0; void setup() { Serial.begin(9600); } void loop() { value = analogRead(sensorPin); Serial.println(value); // Higher values indicate more IR light delay(100); } ```
    ✨ Follow-up Questions
    • ⤷What is the difference between the R and Q versions of this part?
    • ⤷ How do I calculate the load resistor for this photodiode?
    • ⤷ Can this part be used for data transmission or only sensing?