전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LPE-6D-R

  • AI
    The **LPE-6D-R** is an electronic hardware component typically associated with industrial computing, specifically functioning as a **PCI Express (PCIe) to PCI expansion system adapter**. It is commonly used in legacy industrial setups where modern computers need to interface with older PCI cards. --- ### 1. Technical Specifications The device acts as a bridge between the high-speed PCIe bus and the older PCI bus architecture. | Feature | Specification | | :--- | :--- | | **Interface Type** | PCI Express (PCIe) x1 | | **Output Type** | Ribbon Cable / Expansion Interface | | **Form Factor** | Low Profile / Standard Riser | | **Function** | PCIe to PCI Bridge/Expansion | | **Compatibility** | Industrial PC (IPC) Chassis, Expansion Boxes | --- ### 2. Core Electronic Components The LPE-6D-R consists of several critical electronic sub-assemblies to manage data flow and power: * **Bridge Chipset:** Usually features a **PLX** or **Pericom** bridge controller. This IC translates the serial data from the PCIe lanes into parallel data used by the PCI bus. * **Voltage Regulation:** Includes onboard capacitors and voltage regulators (LDOs) to convert the 12V/3.3V from the PCIe slot into stable power for the connected expansion hardware. * **Signal Integrity Circuitry:** High-speed differential pair routing and termination resistors to ensure the data signal does not degrade over the ribbon cable or riser connection. * **Protection Circuitry:** Features TVS diodes or fuses to prevent power surges from the main motherboard from damaging the peripheral PCI cards. --- ### 3. Practical Applications The LPE-6D-R is primarily utilized in specialized environments: 1. **Industrial Automation:** Connecting legacy PLC interface cards or DAQ (Data Acquisition) boards to modern servers. 2. **Audio/Video Production:** Using older high-end PCI sound cards or DSP boards in newer workstations. 3. **Medical Equipment:** Maintaining expensive diagnostic hardware that relies on PCI slots while upgrading the host PC. --- ### 4. Installation Diagram Concept ```mermaid graph LR A[Motherboard PCIe Slot] --> B[LPE-6D-R Adapter] B --> C[Ribbon Cable/Connection] C --> D[External PCI Expansion Chassis] D --> E[Legacy PCI Card] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific bridge chipsets used in the LPE-6D-R?
    • ⤷ Is the LPE-6D-R compatible with both 32-bit and 64-bit PCI cards?
    • ⤷ What is the maximum data transfer rate supported by this adapter?