전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LPF-11P.M1W-R/Q

  • AI
    ## Analysis of the LPF-11P.M1W-R/Q The **LPF-11P.M1W-R/Q** is a specialized electronic component typically used in telecommunications and signal processing. Based on standard industry nomenclature (specifically related to the LPF series by manufacturers like *Mini-Circuits* or similar RF component specialists), this is a **Low Pass Filter (LPF)** designed to allow low-frequency signals to pass while attenuating frequencies above a specific cutoff point. --- ### Technical Specifications and Features | Feature | Description | | :--- | :--- | | **Component Type** | Low Pass Filter (LPF) | | **Circuit Topology** | Elliptic or Chebyshev (Common for the LPF series) | | **Number of Poles** | 11-Pole (Indicated by the "11P" in the prefix) | | **Mounting Type** | Surface Mount (SMD) or Plug-in depending on specific housing | | **Impedance** | Typically 50 Ohms (Standard RF normalization) | | **Termination** | "R/Q" suffix often denotes RoHS compliance and specific reel/packaging standards | --- ### Breakdown of Part Number Nomenclature 1. **LPF**: Stands for **Low Pass Filter**. Its primary function is to suppress harmonics and reduce out-of-band noise. 2. **11P**: Indicates an **11-Pole** design. A higher number of poles results in a steeper "roll-off" (a sharper transition between the passband and the stopband). 3. **M1W**: This is a manufacturer-specific code representing the **Cutoff Frequency** and power handling characteristics. 4. **R/Q**: These suffixes generally refer to: * **R**: RoHS (Restriction of Hazardous Substances) Compliant. * **Q**: Quality assurance level or specific Tape & Reel packaging for automated assembly. --- ### Internal Electronic Construction An 11-pole filter of this type is constructed using a series of reactive components: * **Inductors (L):** Usually high-Q wire-wound or multilayer ceramic inductors. * **Capacitors (C):** High-stability ceramic capacitors. * **Layout:** The parts are arranged in a "Ladder Topology" (Pi or T networks). Because it is 11 poles, it contains 11 reactive elements, providing extremely high rejection of unwanted high frequencies. ### Typical Applications * **Harmonic Rejection:** Placed after an amplifier to clean up the signal before transmission. * **Anti-aliasing:** Used before an Analog-to-Digital Converter (ADC) to prevent signal distortion. * **Transceiver Systems:** Protecting sensitive receiver stages from high-frequency interference. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific cutoff frequency for the M1W variant of this filter?
    • ⤷ How does an 11-pole filter roll-off compare to a 5-pole filter?
    • ⤷ Is this component compatible with high-power RF transmitters?