LPN-RK-15/100SP
AI

The **LPN-RK-15/100SP** is a high-performance, current-limiting, time-delay fuse part of the **Bussmann Low-Peak™** series. It is designed for power distribution and motor protection in electrical circuits.
---
### 1. Technical Specifications
The following table outlines the primary electrical characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Series** | Low-Peak (LPN-RK) |
| **Current Rating** | 15 Amps |
| **Voltage Rating** | 250 VAC / 125 VDC |
| **Interrupting Rating** | 300 kA (AC) / 100 kA (DC) |
| **Fuse Class** | Class RK1 |
| **Response Time** | Time-Delay (Dual-Element) |
| **Body Material** | Fiberglass Tube |
---
### 2. Key Electronic Features
* **Dual-Element Design:** Unlike fast-acting fuses, this part contains two distinct elements. One handles short circuits (instantaneous), while the other handles temporary overloads (time-delay).
* **Current-Limiting Capability:** It is a Class RK1 fuse, meaning it significantly limits the peak let-through current during a fault, protecting sensitive downstream components (like VFDs or controllers) from thermal and magnetic stress.
* **High Interrupting Rating:** With a 300,000 Amp interrupting rating, it can safely clear very high fault currents without exploding or maintaining an arc.
* **Rejection Feature:** The "RK" designation implies it has a rejection notch that prevents it from being replaced by a lower-rated Class H or K fuse in a dedicated fuse holder.
---
### 3. Application Use Cases
1. **Motor Protection:** The time-delay feature allows the fuse to withstand high "in-rush" currents when a motor starts up, preventing nuisance blowing.
2. **Service Entrance Equipment:** Used as a primary safety mechanism for incoming power to industrial panels.
3. **Branch Circuit Protection:** Protects individual lines in a facility where high fault currents are a possibility.
4. **Inductive Loads:** Ideal for transformers and solenoids that experience momentary current spikes.
---
### 4. Part Number Breakdown
* **LPN:** Low-Peak, 250V (Standard series).
* **RK:** Class RK1 (Rejection capability).
* **15:** 15 Amp current rating.
* **SP:** Silver-plated pins/terminals (Superior conductivity and corrosion resistance).
- ⤷What is the difference between Class RK1 and Class RK5 fuses?
- ⤷ How does a dual-element fuse differ from a single-element fuse in terms of circuit protection?
- ⤷ Can the LPN-RK-15/100SP be used in DC applications?