전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LPS-RK-25SPI

  • AI
    The **LPS-RK-25SPI** is a specific model of a **Low-Peak, Dual-Element, Time-Delay Class RK1 Fuse**, manufactured by Bussmann (Eaton). It is designed for high-performance circuit protection in industrial and commercial environments. --- ### 1. Technical Specifications The part number can be broken down to understand its electronic characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Series** | LPS-RK | Low-Peak, Time-Delay Class RK1 | | **Amperage Rating** | 25A | Maximum continuous current it can carry | | **Voltage Rating (AC)** | 600 Vac | Suitable for high-voltage industrial systems | | **Voltage Rating (DC)** | 300 Vdc | Rated for direct current applications | | **Interrupting Rating** | 300kA RMS Sym. | Ability to safely stop high short-circuit currents | | **Indication** | SPI (Smart) | Features a permanent visual open-fuse indicator | --- ### 2. Key Electronic Features #### A. Dual-Element Design Unlike standard fuses, this part contains two distinct elements: 1. **Thermal Element:** Handles overloads. It is designed to "wait" for temporary current surges (like motor startups) without blowing. 2. **Short-Circuit Element:** Acts instantly when it detects a high-magnitude fault current to protect sensitive downstream components. #### B. Current Limitation (Class RK1) As a Class RK1 fuse, the LPS-RK-25SPI is highly **current-limiting**. In the event of a massive short circuit, it reacts faster than a circuit breaker, "choking" the peak current before it reaches its maximum potential. This significantly reduces the **Arc Flash** energy and mechanical stress on the equipment. #### C. Smart Presence Indicator (SPI) The "SPI" suffix indicates that this fuse includes a built-in visual status window. - **Normal:** The window remains clear or shows a specific color/trigger. - **Blown:** A visual trigger activates, allowing maintenance personnel to identify the failed fuse immediately without using a multimeter. --- ### 3. Common Applications Due to its 25A rating and 600V capacity, it is typically used in: * **Motor Branch Circuits:** Protecting motors from burnout while allowing for high starting inrush currents. * **Transformer Protection:** Handling the magnetizing inrush of control transformers. * **Main Service Switches:** Serving as a primary disconnect in industrial control panels. * **Safety Switches:** Integrated into heavy-duty fused disconnects. --- ### 4. Comparison: RK1 vs. RK5 | Feature | Class RK1 (LPS-RK) | Class RK5 (FRN-R / FRS-R) | | :--- | :--- | :--- | | **Current Limitation** | Superior | Moderate | | **Protection Level** | Higher (Reduces Arc Flash) | Standard | | **Compatibility** | Fits RK5 holders | Does not fit RK1 holders (usually) |
    ✨ Follow-up Questions
    • ⤷ What is the difference between time-delay and fast-acting fuses?
    • ⤷ How does the 'current-limiting' feature protect downstream electronic components?
    • ⤷ Can an LPS-RK-25SPI be used in a DC solar application?