전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LPS-RK-3SP

  • AI
    ## Overview of the LPS-RK-3SP Fuse The **LPS-RK-3SP** is a high-performance, current-limiting, dual-element time-delay fuse. It belongs to the **Bussmann Low-Peak™** series and is classified under **Class RK1**. These fuses are engineered to provide superior protection for electrical circuits, particularly those with high inrush currents like motors and transformers. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Brand** | Bussmann (by Eaton) | | **Series** | LPS-RK (Low-Peak) | | **Class** | RK1 | | **Voltage Rating** | 600 Vac / 300 Vdc | | **Amperage Rating** | 3 Amps | | **Interrupting Rating** | 300kA RMS Symmetrical (Vac) / 100kA (Vdc) | | **Body Material** | Melamine glass tube with plated bronze end caps | --- ### Key Electronic Components & Design The "Dual-Element" construction of the LPS-RK-3SP consists of two distinct internal mechanisms working in tandem: #### 1. The Thermal Element (Time-Delay) * **Function:** Handles temporary overloads. * **Mechanism:** Uses a spring-loaded trigger and a specific solder alloy. When a sustained overload occurs, the heat melts the solder, and the spring pulls the junction apart. * **Benefit:** Prevents "nuisance blowing" caused by motor startups or power surges. #### 2. The Short-Circuit Element (Current-Limiting) * **Function:** Reacts to high-magnitude short circuits. * **Mechanism:** Consists of a notched copper link. Under massive fault current, the link vaporizes almost instantaneously. * **Benefit:** Limits the peak "let-through" energy, protecting downstream components from mechanical and thermal damage. --- ### Application Use Cases 1. **Motor Protection:** Provides Type 2 "No Damage" protection for motor starters. 2. **Transformer Protection:** Resists blowing during the initial energizing magnetizing current. 3. **General Branch Circuits:** Used in industrial panels to reduce Arc Flash hazards due to its high current-limiting speed. --- ### Comparison: Class RK1 vs. RK5 The LPS-RK (RK1) is often used as a superior upgrade for FRN-R or FRS-R (RK5) fuses because: * It has a **higher interrupting rating**. * It provides **lower let-through current**, which increases the safety margin for electrical equipment.
    ✨ Follow-up Questions
    • ⤷ What is the difference between time-delay and fast-acting fuses?
    • ⤷ How does the 300kA interrupting rating improve safety in industrial panels?
    • ⤷ Can I replace a Class RK5 fuse with an LPS-RK-3SP?