전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LPS-RK-50SPI

  • AI
    The **LPS-RK-50SPI** is a specific model of a **Low-Peak Dual-Element Time-Delay Fuse**, manufactured by Eaton (Bussmann Series). It belongs to the Class RK1 category, which is known for its high degree of current limitation and safety. --- ## 1. Technical Specifications The electrical characteristics define how this part functions within a circuit. | Parameter | Specification | | :--- | :--- | | **Model Number** | LPS-RK-50SPI | | **Amperage Rating** | 50 Amps | | **Voltage Rating (AC)** | 600 Vac | | **Voltage Rating (DC)** | 300 Vdc | | **Interrupting Rating** | 300kA RMS Symmetrical (AC) / 100kA (DC) | | **Fuse Class** | Class RK1 | | **Body Material** | Melamine Glass Tube | --- ## 2. Key Electronic Features ### A. Dual-Element Design The "SPI" designation indicates a sophisticated internal architecture. Unlike a single-element fuse, this has two distinct components: 1. **Thermal Element:** Handles low-level overloads. It provides a "time-delay," allowing temporary surges (like motor startups) to pass without blowing the fuse. 2. **Short-Circuit Element:** A fast-acting component that triggers immediately during high-current faults to protect sensitive downstream electronics. ### B. Current Limitation As a **Class RK1** fuse, the LPS-RK-50SPI is highly current-limiting. In the event of a massive short circuit, the fuse reacts so quickly that it prevents the fault current from reaching its maximum peak, significantly reducing the "let-through" energy that could damage equipment. ### C. Smart Indicator (The "SPI" Suffix) The **SPI** stands for **Smart Presence Indicator**. * This feature includes a permanent visual trigger (usually a neon lamp or a mechanical flag) that signals when the fuse has opened. * This reduces troubleshooting time in industrial control panels by identifying the blown fuse at a glance. --- ## 3. Typical Applications Because of its 600V rating and time-delay characteristics, it is commonly used for: * **Motor Branch Circuits:** Handling the high inrush current during start-up. * **Transformer Protection:** Resisting magnetizing inrush currents. * **Main Feeder Switches:** Providing high-level coordination to prevent nuisance tripping. --- ## 4. Replacement and Compatibility When replacing this part, ensure the following conditions are met: ```markdown 1. Match the Amperage (50A). 2. Match the Class (RK1). Note: You can replace an RK5 fuse with an RK1, but never vice versa. 3. Verify Voltage (600V). 4. Check the Physical Size (Class R fuses have a rejection notch to prevent incorrect installation). ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Class RK1 and Class RK5 fuses?
    • ⤷ Can the LPS-RK-50SPI be used in a 240V circuit?
    • ⤷ How does the 'Smart Indicator' function electrically?