전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LR-044-R/

  • AI
    The **LR-044-R/** is a specific part number often associated with automotive lighting components, specifically **LED License Plate Lamps** used in various European vehicles (notably Land Rover and Jaguar models). Below is a breakdown of the electronic components and technical specifications typically found in this part. --- ### 1. Technical Specifications The unit is designed as a direct "Plug and Play" replacement for traditional halogen bulbs, integrating a complete LED array and housing. | Specification | Details | | :--- | :--- | | **Light Source** | 18 High-Intensity SMD (Surface Mount Device) LEDs | | **Color Temperature** | 6000K (Diamond White) | | **Voltage** | 12V DC | | **Power Consumption** | ~2.0W - 3.0W | | **Material** | Polycarbonate lens + ABS plastic housing | | **Compatibility** | CAN-bus Error Free (Integrated Load Resistors) | --- ### 2. Key Electronic Components #### A. SMD LED Chips The core of the unit consists of 18 individual **SMD 3528 or 2835 LEDs**. These chips are chosen for: * **Thermal Efficiency:** Low heat dissipation compared to halogen. * **Luminous Flux:** High brightness with wide-angle light dispersion. #### B. CAN-bus Controller (Load Resistors) Modern vehicles use a Controller Area Network (CAN-bus) to monitor bulb health. Because LEDs draw significantly less current than halogen bulbs, the car's computer might trigger a "Bulb Out" error. * **The Component:** The LR-044-R includes internal **shunt resistors** to simulate the load of a standard bulb, preventing dashboard errors and hyper-flashing. #### C. Bridge Rectifier / Polarity Protection Unlike standard bulbs, LEDs are polar (they only work when current flows in one direction). * **The Component:** A small diode bridge or protection circuit is integrated to ensure the unit works regardless of which way the plug is inserted, or to protect the LEDs from reverse voltage spikes. #### D. Constant Current Driver To ensure the LEDs do not flicker when the engine is running (and voltage fluctuates between 12V and 14.4V), a basic **Linear Regulator** or resistor-based driver is used to stabilize the current. --- ### 3. Pinout and Connection The unit typically features a **2-pin connector** designed to snap directly into the vehicle's factory wiring harness. ```text Connector Diagram (Typical): [ Pin 1 ] --- (+) 12V Positive [ Pin 2 ] --- (-) Ground/Negative ``` --- ### 4. Comparison: LED vs. Halogen OEM | Feature | LR-044-R (LED) | Standard Halogen | | :--- | :--- | :--- | | **Longevity** | Up to 50,000 Hours | ~1,000 Hours | | **Heat Generation** | Minimal | High | | **Color** | Bright White | Yellowish/Warm | | **Current Draw** | Low (Internal Resistor compensates) | High |
    ✨ Follow-up Questions
    • ⤷ How do I troubleshoot if the LR-044-R causes a dashboard error despite being CAN-bus ready?
    • ⤷ Are there specific vehicle models that use the LR-044-R part number?
    • ⤷ What is the IP rating for these types of license plate lamps?