LR1106L-18-AF5-R
AI

The **LR1106L-18-AF5-R** is a low-dropout (LDO) linear regulator manufactured by UTC (Unisonic Technologies). It is designed to provide a stable, fixed output voltage with high precision and low noise.
---
### ## 1. Part Number Breakdown
Understanding the suffix codes helps identify the specific characteristics of this component:
| Component Code | Meaning |
| :--- | :--- |
| **LR1106** | Series name (Low Dropout Linear Regulator) |
| **L** | Lead-free / Halogen-free (Green) |
| **18** | Output Voltage (1.8V Fixed) |
| **AF5** | Package Type (SOT-25 / SOT-23-5) |
| **R** | Packing (Tape & Reel) |
---
### ## 2. Technical Specifications
Below are the primary electrical characteristics of the device:
| Parameter | Value / Range |
| :--- | :--- |
| **Output Voltage** | 1.8V (Fixed) |
| **Input Voltage Range** | Up to 6.0V |
| **Output Current** | 250mA - 300mA (Typical) |
| **Dropout Voltage** | ~200mV @ 100mA (Low Dropout) |
| **Quiescent Current** | ~50µA (Low Power consumption) |
| **Operating Temp** | -40°C to +85°C |
---
### ## 3. Pin Configuration (SOT-25/SOT-23-5)
The LR1106L-18-AF5-R typically follows the standard 5-pin SOT-23 layout:
1. **VIN**: Input Voltage supply.
2. **GND**: Ground.
3. **CE/EN**: Chip Enable (High = On, Low = Shutdown).
4. **NC/BYP**: No connection or Bypass capacitor (depending on sub-version).
5. **VOUT**: Regulated 1.8V Output.
---
### ## 4. Key Features & Applications
* **High Accuracy:** Usually within ±2% output voltage tolerance.
* **Low Noise:** Suitable for sensitive RF and analog circuits.
* **Built-in Protections:** Includes thermal shutdown and current limit protection.
* **Common Applications:**
* Battery-powered equipment.
* Mobile phones and handheld devices.
* Post-regulation for switching supplies.
* Low voltage microcontrollers (MCUs).
---
### ## 5. Typical Application Circuit
To ensure stability, LDOs require external capacitors.
```markdown
Input (2.5V-6V) ----[ VIN ]-------[ VOUT ]---- Output (1.8V)
| |
[ C1 ] [ C2 ] (Capacitors: 1uF - 10uF)
| |
GND ------------------[ GND ]-------[ GND ]
```
- ⤷What are the recommended capacitor values for the LR1106L to ensure stability?
- ⤷ Does the LR1106L have a pin-compatible alternative from other manufacturers?
- ⤷ What is the maximum power dissipation for the SOT-25 package of this device?