전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LR1206-R02GW

  • AI
    The **LR1206-R02GW** is a specialized electronic component known as a **Current Sense Resistor** (also called a Shunt Resistor). It is designed to measure current flow by creating a small voltage drop that can be read by a microcontroller or monitoring circuit. --- ### 1. Key Technical Specifications | Parameter | Specification | Details | | :--- | :--- | :--- | | **Component Type** | Current Sense Resistor | Low-resistance SMT device | | **Package / Case** | 1206 (3216 Metric) | 3.2mm x 1.6mm | | **Resistance Value** | 0.02 $\Omega$ (20 m$\Omega$) | Indicated by "R02" in the part number | | **Tolerance** | $\pm$ 2% (G) | Indicated by "G" suffix | | **Power Rating** | 0.5W to 1W | Typical for metal strip construction | | **Technology** | Metal Strip / Alloy | High stability and heat dissipation | --- ### 2. Breakdown of the Part Number * **LR**: Series prefix (typically Metal Strip Low Resistance). * **1206**: The physical size of the surface-mount device (0.12 x 0.06 inches). * **R02**: The resistance value (R acts as the decimal point). $0.02\ \Omega$. * **G**: The tolerance code (G = $\pm$ 2%). * **W**: Packaging code (typically indicates tape and reel or specific lead-free compliance). --- ### 3. Core Features and Applications #### Features: * **Low Resistance:** At 20 m$\Omega$, it minimizes power waste ($P = I^2 R$) while allowing for measurable voltage drops. * **High Precision:** The metal strip technology provides a lower Temperature Coefficient of Resistance (TCR) compared to standard thick-film resistors. * **Durability:** Excellent surge resistance and thermal management due to its metallic composition. #### Common Applications: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion packs. 2. **DC-DC Converters:** Providing feedback loops for current regulation. 3. **Motor Controllers:** Sensing stall currents or load variations. 4. **Overcurrent Protection:** Acting as a sensor to trigger a shutdown if current exceeds safe limits. --- ### 4. Typical Connection Diagram In a circuit, this part is placed in series with the load. The voltage across it ($V_{sense}$) is measured: ```text [Power Supply] ----+---- [LR1206-R02GW] ----+---- [Load] ---- [GND] | | +----(To Op-Amp/MCU)-----+ ```
    ✨ Follow-up Questions
    • ⤷ How do I calculate the voltage drop across this resistor at 5 Amps?
    • ⤷ What is the difference between a metal strip and a thick-film resistor?
    • ⤷ Can this resistor be used in high-frequency switching power supplies?