전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LR1206-R02JT1

  • AI
    ## LR1206-R02JT1: Component Overview The **LR1206-R02JT1** is a surface-mount (SMD) **Low Ohmic Current Sense Resistor**. These components are specifically designed to measure current flow in a circuit by providing a small, known voltage drop that can be measured by an IC or microcontroller. --- ### Key Specifications | Feature | Specification | Description | | :--- | :--- | :--- | | **Resistance** | 0.02 $\Omega$ (20 m$\Omega$) | Very low resistance to minimize power loss. | | **Package Size** | 1206 (3216 Metric) | Physical dimensions: 3.2mm x 1.6mm. | | **Tolerance** | ±5% (J) | The allowable variance from the nominal resistance. | | **Power Rating** | Typically 0.25W - 0.5W | Depends on the specific manufacturer series. | | **Technology** | Thick Film / Metal Plate | Optimized for high current and stability. | | **Temperature Coeff.** | Variable (TCR) | Usually measured in ppm/°C to ensure accuracy over heat. | --- ### Part Number Breakdown (Standard Naming Convention) 1. **LR**: Series prefix, usually indicating "Low Resistance" or "Current Sense" series. 2. **1206**: The EIA package size (Length: 0.12", Width: 0.06"). 3. **R02**: The resistance value. "R" acts as a decimal point, meaning **0.02 Ohms**. 4. **J**: The tolerance code. **J** stands for **±5%**. 5. **T1**: Packaging code, typically indicating Tape and Reel (7-inch reel). --- ### Typical Applications * **Power Management:** Monitoring battery discharge/charge rates in portable electronics. * **DC-DC Converters:** Providing feedback for current-mode control loops. * **Motor Control:** Sensing motor stall conditions or regulating torque. * **Over-current Protection:** Triggering a shutdown if the current exceeds safe limits. ### Design Considerations * **Heat Dissipation:** Because these resistors often handle high currents, ensure adequate copper padding on the PCB to act as a heat sink. * **Kelvin Connection:** For maximum accuracy, use "4-terminal" or Kelvin sensing layout techniques to avoid measuring the resistance of the PCB traces themselves. * **Inductance:** These parts are designed with low inductance to prevent signal distortion in high-frequency switching environments. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle based on its power rating?
    • ⤷ How does a 5% tolerance affect the accuracy of current measurement in this device?
    • ⤷ What are the advantages of using a metal plate resistor over a standard thick film resistor?