LR6401ML-AG6-R
AI

The **LR6401ML-AG6-R** is a high-performance, low-dropout (LDO) linear regulator manufactured by UTC (Unisonic Technologies Co.). It is designed specifically for applications requiring high stability, low noise, and low power consumption.
---
## 1. Technical Specifications
The following table summarizes the primary electrical characteristics of the LR6401ML:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 2.5V to 6.0V |
| **Output Voltage** | Fixed or Adjustable (Model dependent; often 1.2V–3.3V) |
| **Maximum Output Current** | 300mA |
| **Dropout Voltage** | ~200mV @ 100mA |
| **Quiescent Current** | ~50µA (Typical) |
| **Package Type** | SOT-26 / SOT-23-6 |
| **Operating Temperature** | -40°C to +85°C |
---
## 2. Key Features
* **Low Dropout Voltage:** Efficiently regulates voltage even when the input is very close to the desired output.
* **Built-in Protections:**
* *Thermal Shutdown:* Prevents damage from overheating.
* *Current Limiting:* Protects the IC during short circuits or overcurrent events.
* **High PSRR:** Excellent Power Supply Rejection Ratio, making it suitable for noise-sensitive RF and audio circuits.
* **Enable Pin (EN):** Allows the chip to be put into a low-power "shutdown mode" to conserve battery life.
---
## 3. Pin Configuration (Typical SOT-26)
In a standard SOT-26/AG6 package, the pins are generally assigned as follows:
| Pin Number | Name | Description |
| :---: | :--- | :--- |
| 1 | **VIN** | Power Supply Input |
| 2 | **GND** | Ground |
| 3 | **EN** | Enable Input (High = On, Low = Off) |
| 4 | **NC/BP** | No Connection or Bypass Capacitor |
| 5 | **VOUT** | Regulated Output Voltage |
| 6 | **FB/NC** | Feedback (for ADJ versions) or No Connect |
---
## 4. Typical Application Circuit
To ensure stability, LDOs require external capacitors. Below is a representation of a standard setup:
```mermaid
graph LR
Vin[Input Voltage] --> C1[1uF MLCC]
C1 --> IC[LR6401ML]
IC --> C2[1uF MLCC]
C2 --> Vout[Regulated Output]
IC -- Pin 3 --> EN[Logic Control]
```
---
## 5. Usage Guidelines
1. **Capacitor Selection:** Use Low-ESR ceramic capacitors (MLCC) for both input and output to maintain loop stability.
2. **Thermal Dissipation:** Ensure the PCB layout has enough copper area near the Ground pins to act as a heat sink if drawing the full 300mA current.
3. **Voltage Differential:** Always ensure $V_{IN} > V_{OUT} + V_{DROPOUT}$ for the regulator to function correctly.
- ⤷
What is the exact fixed output voltage for the 'AG6-R' suffix version?
- ⤷ How does the Power Supply Rejection Ratio (PSRR) impact audio quality in this IC?
- ⤷ Can this LDO be used with an input voltage higher than 6V?