LR9103G-22-AF5-R
AI

The **LR9103G-22-AF5-R** is a low-dropout (LDO) linear regulator produced by **UTC (Unisonic Technologies)**. It is specifically designed for applications requiring low noise, high power supply rejection ratio (PSRR), and low quiescent current.
### 1. Part Number Breakdown
The part number can be decoded to understand its specific technical attributes:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **LR9103** | Series Name | High PSRR, Low Noise LDO Regulator |
| **G** | Halogen Free | Environmentally friendly materials (Green) |
| **22** | Output Voltage | **2.2V** Fixed Output |
| **AF5** | Package Type | **SOT-25** (Small Outline Transistor) |
| **R** | Packing | Tape & Reel |
---
### 2. Key Technical Specifications
Below are the typical electrical characteristics for this component:
| Parameter | Value |
| :--- | :--- |
| **Input Voltage Range** | 2.2V to 6.0V |
| **Output Voltage** | 2.2V (Fixed) |
| **Output Current** | 300mA (Maximum) |
| **Dropout Voltage** | ~180mV @ 100mA |
| **PSRR** | 70dB @ 1kHz |
| **Quiescent Current** | 70µA (Typical) |
| **Operating Temperature** | -40°C to +85°C |
---
### 3. Internal Features and Functions
* **Low Noise:** Optimized for sensitive RF and analog circuits to prevent interference.
* **Enable/Shutdown Pin:** Allows the system to turn the regulator off to save power (Shutdown current < 1µA).
* **Protection Circuits:**
* **Current Limit:** Prevents damage during over-current conditions.
* **Thermal Shutdown:** Shuts the device down if it exceeds safe operating temperatures.
* **Stability:** Designed to be stable even with low-ESR ceramic capacitors.
---
### 4. Typical Application Circuit
The LR9103 requires minimal external components to function.
```arduino
Input Voltage (VIN) ----[ C1: 1uF ]----( PIN 1: VIN )
( PIN 2: GND )---- Ground
Enable Signal -------------------( PIN 3: EN )
( PIN 4: NC )---- No Connect
Output Voltage (2.2V)---[ C2: 1uF ]----( PIN 5: VOUT)
```
---
### 5. Common Use Cases
1. **Mobile Phones:** Powering baseband or RF sections.
2. **Portable Electronics:** MP3 players, hand-held scanners, and cameras.
3. **Battery Powered Equipment:** Due to its low quiescent current and small SOT-25 footprint.
4. **Reference Voltage:** Providing a stable 2.2V for microcontrollers or ADCs.
---
- ⤷
What are the alternative packages for the LR9103 besides SOT-25?
- ⤷ How does the PSRR value affect the performance of this LDO in audio circuits?
- ⤷ Can this regulator handle an input voltage of 12V?