전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LR9103G-25-AF5-R

  • AI
    The **LR9103G-25-AF5-R** is a low-dropout (LDO) linear voltage regulator. It is designed to provide a stable, fixed output voltage while minimizing power loss and noise in electronic circuits. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 2.5V (Fixed) | | **Input Voltage Range** | Up to 6.0V | | **Output Current** | 300mA | | **Dropout Voltage** | Low (typically ~150-300mV at full load) | | **Package Type** | SOT-25 / SOT-23-5 | | **Accuracy** | ±2% | | **Quiescent Current** | Very low (~50µA to 90µA) | --- ### 2. Part Number Breakdown Understanding the suffix codes helps in identifying the specific version of this component: * **LR9103G**: The base model series (LDO Regulator). * **25**: Indicates the output voltage is **2.5V**. * **AF5**: Refers to the package type, typically **SOT-25** (5-pin small outline transistor). * **R**: Indicates the packaging method, usually **Tape & Reel**. --- ### 3. Functional Features * **Low Dropout (LDO):** It can maintain a 2.5V output even when the input voltage is only slightly higher (e.g., 2.7V). * **High PSRR:** It has a high Power Supply Rejection Ratio, which helps filter out noise from the input power source. * **Protection Circuits:** * *Current Limit:* Prevents damage if the output is short-circuited. * *Thermal Shutdown:* Automatically turns off if the chip overheats. * **Enable Pin (EN):** Most AF5 (5-pin) versions include an enable pin to turn the regulator on or off to save power in battery-operated devices. --- ### 4. Typical Application Circuit To ensure stability, LDOs require external capacitors. ```text Input (Vin) ----[ C1: 1uF ]----| LR9103 |----[ C2: 1uF ]---- Output (2.5V) | GND | ``` * **C1 (Input Capacitor):** Stabilizes the input and handles transient spikes. * **C2 (Output Capacitor):** Crucial for loop stability; usually a ceramic capacitor with low ESR (Equivalent Series Resistance). --- ### 5. Common Use Cases * **Mobile Devices:** Powering microcontrollers or sensors in smartphones. * **Battery-Powered Systems:** Due to its low quiescent current, it preserves battery life. * **Noise-Sensitive Analog Circuits:** Providing clean power to RF or audio components.
    ✨ Follow-up Questions
    • ⤷ What are the alternatives to the SOT-25 package for this regulator?
    • ⤷ How does the dropout voltage affect the efficiency of this component?
    • ⤷ Can this regulator be used with an input voltage higher than 6V?