LR9103L-18-AF5-R
AI

## Analysis of LR9103L-18-AF5-R
The **LR9103L-18-AF5-R** is a low-dropout (LDO) linear voltage regulator manufactured by UTC (Unisonic Technologies Co., Ltd). It is designed to provide a stable, fixed output voltage with high accuracy and low noise.
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the specific characteristics of the component:
| Component Code | Meaning | Details |
| :--- | :--- | :--- |
| **LR9103** | Series Name | Low Dropout Linear Regulator |
| **L** | Lead-Free/Halogen-Free | Environmental compliance |
| **18** | Output Voltage | Fixed **1.8V** output |
| **AF5** | Package Type | **SOT-25** (also known as SOT-23-5) |
| **R** | Packing | Tape & Reel |
---
### 2. Key Technical Specifications
The device is optimized for battery-powered applications where power efficiency and space are critical.
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | Up to 6.0V |
| **Output Voltage** | 1.8V (Fixed) |
| **Output Current** | 300mA (Typical) |
| **Dropout Voltage** | ~200mV @ 100mA |
| **Quiescent Current** | ~70µA |
| **Operating Temperature** | -40°C to +85°C |
---
### 3. Pin Configuration (SOT-25)
The SOT-25 package typically follows this standard layout for the LR9103 series:
1. **VIN**: Input Supply Voltage.
2. **GND**: Ground.
3. **EN (Enable)**: High = On, Low = Off (Shutdown mode).
4. **NC/BP**: No connection or Bypass capacitor (for noise reduction).
5. **VOUT**: Regulated 1.8V Output.
---
### 4. Typical Application Circuit
To ensure stability, LDOs require external capacitors.
```markdown
VIN ----[ C1: 1uF ]----| VIN VOUT |----[ C2: 1uF ]---- VOUT (1.8V)
| LR9103 |
Enable ---------| EN GND |---------- Ground
```
### 5. Features and Use Cases
* **Low Noise:** Suitable for sensitive RF and analog circuits.
* **Enable Function:** Allows the system to enter a zero-current shutdown mode to save battery life.
* **Built-in Protection:** Includes thermal shutdown and current limiting protection.
* **Applications:**
* Mobile Phones / Smartphones.
* Portable Medical Equipment.
* Bluetooth modules and IoT Sensors.
* Battery-powered handheld devices.
- ⤷What are the equivalent alternatives to the LR9103L in a SOT-25 package?
- ⤷ How does the dropout voltage affect the efficiency of this 1.8V regulator?
- ⤷ What is the maximum power dissipation for the SOT-25 package used in this part?