LR9103L-28-AF5-R
AI

The **LR9103L-28-AF5-R** is a low-dropout (LDO) linear voltage regulator manufactured by UTC (Unisonic Technologies Co., Ltd.). It is designed for battery-powered applications requiring low power consumption and stability.
---
### 1. Technical Specifications
The part number itself reveals specific characteristics about its performance and packaging:
| Parameter | Specification |
| :--- | :--- |
| **Fixed Output Voltage** | 2.8V |
| **Input Voltage Range** | Up to 7V |
| **Max Output Current** | 300mA |
| **Quiescent Current** | Typ. 70µA |
| **Dropout Voltage** | ~210mV @ 100mA |
| **Package Type** | SOT-25 (AF5) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Part Number Breakdown
The naming convention follows UTC’s standard identification system:
* **LR9103L**: Series name (Low-power CMOS LDO).
* **28**: Output voltage code (2.8 Volts).
* **AF5**: Package code for SOT-25.
* **R**: Tape and Reel packaging.
---
### 3. Key Features and Applications
The LR9103L series is characterized by high accuracy and low noise, making it suitable for sensitive electronic circuits.
#### Features
* **High Ripple Rejection:** Provides clean power for RF and analog circuits.
* **Low Dropout:** Allows the device to operate even when the input voltage is very close to the output voltage.
* **Built-in Protections:** Includes thermal shutdown and current limiting to prevent damage during a short circuit.
* **Enable Pin:** Allows the regulator to be turned off via a logic signal to save power (Standby mode).
#### Typical Applications
* Mobile phones and handheld devices.
* Digital cameras and camcorders.
* Battery-powered medical equipment.
* Reference voltage sources for microcontrollers.
---
### 4. Typical Application Circuit
To ensure stability, LDOs usually require external capacitors.
```c
// Standard wiring for LR9103L
[VIN] ----[ CIN: 1uF ]---- (Pin 1: VIN)
(Pin 2: GND) ---- [GND]
[ON/OFF] ----------------- (Pin 3: EN)
(Pin 4: NC/BP)
[VOUT] ----[ COUT: 1uF ]--- (Pin 5: VOUT)
```
---
- ⤷What are the pinout differences between the SOT-23 and SOT-25 versions of this LDO?
- ⤷ What is the maximum power dissipation for the SOT-25 package?
- ⤷ Can I use ceramic capacitors with the LR9103L series?