LR9280BL-15-AF5-R
AI

The **LR9280BL-15-AF5-R** is a specific low-dropout (LDO) linear regulator manufactured by **UTC (Unisonic Technologies Co., Ltd)**. It is designed for applications requiring high precision and low noise power management.
---
## 1. Component Identification
The part number can be broken down to understand its specific characteristics:
| Code Segment | Description |
| :--- | :--- |
| **LR9280** | Series Name (High Accuracy LDO) |
| **BL** | Version/Accuracy Grade |
| **-15** | Output Voltage (1.5V Fixed) |
| **-AF5** | Package Type (SOT-25) |
| **-R** | Packing Type (Tape and Reel) |
---
## 2. Key Technical Specifications
The LR9280 series is known for its high input voltage tolerance compared to standard CMOS LDOs.
| Feature | Specification |
| :--- | :--- |
| **Output Voltage** | 1.5V (Fixed) |
| **Input Voltage Range** | Up to 18V |
| **Max Output Current** | 300mA - 500mA (Typical) |
| **Dropout Voltage** | Low (approx. 200-500mV depending on load) |
| **Quiescent Current** | ~70µA |
| **Accuracy** | ±2.0% |
---
## 3. Pin Configuration (SOT-25)
In the AF5 (SOT-25/SOT-23-5) package, the pinout typically follows this structure:
1. **VIN**: Input Voltage Supply.
2. **GND**: Ground.
3. **CE / EN**: Chip Enable (Active High).
4. **NC / ADJ**: No connection (for fixed versions) or Feedback (for adjustable).
5. **VOUT**: Regulated Output Voltage.
---
## 4. Typical Application Circuit
To ensure stability, LDOs require external capacitors. Below is the standard implementation:
```text
Input Voltage (up to 18V)
|
[Cin: 1uF]
|
+------|------+
| 1 VIN |
| | Output Voltage (1.5V)
| 5 VOUT ----|-----------+
| | |
| 2 GND | [Cout: 2.2uF]
| 3 CE/EN ---|---(Logic High)
+-------------+
```
---
## 5. Main Features & Use Cases
* **High Input Voltage:** Unlike many 5V or 6V LDOs, this part handles up to 18V, making it suitable for industrial rails or battery-powered devices with higher voltage stacks.
* **Over Current Protection:** Includes internal thermal shutdown and current limiting to prevent damage during a short circuit.
* **Low Noise:** Suitable for sensitive analog circuits, RF modules, and sensor interfaces.
- ⤷
What are the equivalent alternative parts for the LR9280BL in the same package?
- ⤷ Can this regulator handle a 12V input to 1.5V output conversion without overheating?
- ⤷ What is the specific thermal resistance of the SOT-25 package for this model?