LRF1206-R01FT1
AI

## Detailed Technical Overview: LRF1206-R01FT1
The **LRF1206-R01FT1** is a high-precision, low-resistance surface mount resistor specifically designed for current sensing applications. It is manufactured by **Welwyn (TT Electronics)** as part of their LRF series.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Resistance Value** | 0.01 $\Omega$ (10 m$\Omega$) |
| **Tolerance** | ±1% (F) |
| **Power Rating** | 0.5 Watts (1/2 W) |
| **Case Size (Imperial)** | 1206 |
| **Temperature Coefficient** | ±100 ppm/°C |
| **Technology** | Thick Film on Ceramic |
| **Operating Temp Range** | -55°C to +155°C |
---
### 2. Physical Characteristics
The "1206" designation refers to the physical dimensions of the component. This size is standard in the electronics industry and is favored for its balance between power handling and PCB space efficiency.
* **Length:** 3.2 mm
* **Width:** 1.6 mm
* **Mounting Type:** Surface Mount (SMD/SMT)
---
### 3. Application Use Cases
Because this is a **low-ohmic resistor**, it is primarily used for **Current Sensing**. By placing this resistor in series with a load, the voltage drop across it can be measured to determine the current flow ($I = V/R$).
* **Power Management:** DC-DC converters and voltage regulators.
* **Battery Monitoring:** Tracking charge/discharge cycles in portable devices.
* **Motor Control:** Detecting over-current conditions to prevent motor burnout.
* **Automotive Systems:** Used in various control modules requiring precision current feedback.
---
### 4. Advantages and Design Features
1. **High Power-to-Size Ratio:** The 1206 package allows for 0.5W dissipation, which is higher than standard thin-film resistors of the same size.
2. **Low Inductance:** Its thick film construction results in very low self-inductance, making it suitable for high-frequency switching circuits.
3. **Thermal Stability:** The $\pm100$ ppm/°C rating ensures that the resistance value remains stable even as the component heats up during operation.
---
- ⤷
What is the significance of the 'R01' in the part number?
- ⤷ How does the LRF series differ from standard 1206 resistors?
- ⤷ Can this resistor be used in high-surge current applications?