전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LRF1206-R02FPB

  • AI
    The **LRF1206-R02FPB** is a high-precision, low-resistance surface mount resistor (SMD) typically used for current sensing applications. It is manufactured by Welwyn (a TT Electronics brand). Below is the detailed breakdown of its electronic specifications and characteristics. ### 1. Key Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 0.02 $\Omega$ (20m$\Omega$) | The "R02" in the part number signifies 0.02 ohms. | | **Power Rating** | 0.5 Watts | The maximum power it can dissipate at 70°C. | | **Tolerance** | ±1% | The "F" in the part number indicates a 1% precision tolerance. | | **Package Size** | 1206 (3216 Metric) | Dimensions: Approx. 3.2mm x 1.6mm. | | **Temperature Coefficient (TCR)** | ±100 ppm/°C | Stability of resistance over temperature changes. | | **Technology** | Thick Film | Utilizes specialized thick film ink on a ceramic substrate. | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying variants: * **LRF**: Low Resistance Flip-chip (Series name). * **1206**: The physical package size (0.12 x 0.06 inches). * **R02**: The resistance value (R denotes decimal, so 0.02 Ohms). * **F**: Tolerance code (F = ±1%, J = ±5%). * **PB**: Packaging/Lead-free status (Usually indicates Pb-free/RoHS compliant). --- ### 3. Application and Usage Because this resistor has a very low ohmic value, it is not used for standard current limiting. Instead, it is used for **Current Sensing**: * **How it works**: By placing this resistor in series with a load, a small voltage drop occurs across it ($V = I \times R$). An Integrated Circuit (IC) measures this voltage to determine how much current is flowing through the system. * **Common Devices**: * Battery management systems (BMS). * DC-DC converters and Power Supplies. * Motor control circuits. * Overcurrent protection triggers. --- ### 4. Design Considerations When using the LRF1206-R02FPB in a PCB design, keep the following in mind: * **Kelvin Connection (4-Wire):** To get the most accurate reading of 0.02 $\Omega$, use separate traces for the current path and the voltage sensing path to avoid measuring the resistance of the PCB copper. * **Heat Dissipation:** Ensure there is enough copper area around the pads to act as a heatsink, as 0.5W in a small 1206 package can generate significant heat. * **Inductance:** Being a thick film resistor, it has low self-inductance, making it suitable for high-frequency switching power supplies. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between thick film and metal foil current sense resistors?
    • ⤷ How do I calculate the voltage drop across this resistor at 5 Amps?
    • ⤷ What are the alternatives to the 1206 package for higher power requirements?