LRF1206-R02JPB
AI

The **LRF1206-R02JPB** is a specialized surface-mount (SMD) resistor manufactured by **Welwyn (TT Electronics)**. It belongs to the LRF series, which is designed for high-power sensing applications in a compact footprint.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the specific electrical characteristics of the component:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **LRF** | Series Name | Low Resistance Flip Chip |
| **1206** | Case Size | 3.2mm x 1.6mm (Metric 3216) |
| **R02** | Resistance Value | 0.02 Ohms (20 mΩ) |
| **J** | Tolerance | ±5% |
| **PB** | Packaging | Pb-free (Lead-free) Tape & Reel |
---
### 2. Technical Specifications
The LRF1206 series is engineered to handle higher power than standard thick-film resistors of the same size.
| Parameter | Value |
| :--- | :--- |
| **Resistance** | 0.02 Ω (20 mΩ) |
| **Power Rating** | 0.5 Watts (at 70°C) |
| **Temperature Coefficient (TCR)** | ±100 ppm/°C |
| **Operating Temperature** | -55°C to +155°C |
| **Technology** | Thick Film on Ceramic |
| **Mounting Style** | SMD/SMT |
---
### 3. Key Features
* **Flip-Chip Design:** Unlike standard resistors where the resistive element is on the top, flip-chip technology places the element facing the PCB. This improves thermal dissipation through the solder joints.
* **Low Inductance:** The construction minimizes parasitic inductance, making it suitable for high-frequency switching applications.
* **AEC-Q200 Qualified:** Many parts in this series are tested for automotive reliability standards (check specific batch documentation).
---
### 4. Common Applications
Because this part has a very low resistance (20 mΩ), it is primarily used for **Current Sensing**.
1. **Battery Management Systems (BMS):** Monitoring charge and discharge currents.
2. **DC-DC Converters:** Providing feedback for current-mode control loops.
3. **Motor Control:** Sensing phase current to protect the motor from overcurrent conditions.
4. **Power Supplies:** Implementing "over-current protection" (OCP) circuits.
---
### 5. Implementation Example
In a typical circuit, the LRF1206-R02JPB is placed in series with the load. The voltage drop across it ($V = I \times R$) is measured by an amplifier.
```c
// Calculation Example:
// If the circuit draws 5 Amps:
// V_drop = 5A * 0.02 Ohms = 0.1V (100mV)
// This 100mV signal is then sent to a microcontroller or comparator.
```
- ⤷
What are the advantages of flip-chip resistors over standard SMD resistors?
- ⤷ How do I calculate the power dissipation for this resistor if my circuit carries 3 Amps?
- ⤷ Are there 1% tolerance alternatives available for this specific part?