LRF1206-R02JT1
AI

The **LRF1206-R02JT1** is a high-power, low-resistance SMT (Surface Mount Technology) chip resistor. It is specifically designed for current sensing applications where precision and thermal stability are critical.
---
### 1. Key Technical Specifications
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Manufacturer** | Welwyn / TT Electronics | Primary manufacturer |
| **Package / Case** | 1206 (3216 Metric) | 3.2mm x 1.6mm footprint |
| **Resistance Value** | 20 mΩ (0.02 Ω) | Indicated by "R02" in the part number |
| **Tolerance** | ±5% | Indicated by "J" |
| **Power Rating** | 0.5 Watts (1/2 W) | Rated at 70°C |
| **Temperature Coefficient** | ±100 ppm/°C | Stability over temperature ranges |
| **Technology** | Thick Film | Metal foil/thick film construction |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **LRF:** Series name (Low Resistance Flush mount/Power).
* **1206:** Physical size (0.12 x 0.06 inches).
* **R02:** Resistance value. The 'R' acts as a decimal point ($0.02 \Omega$).
* **J:** Tolerance code ($J = \pm5\%$, $F = \pm1\%$, $G = \pm2\%$).
* **T1:** Packaging (typically refers to Tape & Reel, 1000 or 5000 pcs).
---
### 3. Core Features & Applications
#### **Features**
* **Low Inductance:** Ideal for high-frequency switching circuits.
* **High Power-to-Size Ratio:** Handles 0.5W in a standard 1206 footprint, which is higher than standard general-purpose resistors.
* **Thermal Management:** Designed with materials that minimize "hot spots" during high current flow.
#### **Common Use Cases**
1. **Current Sensing:** Used to measure current by monitoring the voltage drop across the resistor ($V = I \times R$).
2. **Power Supplies:** DC-DC converters and switching regulators.
3. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in portable electronics.
4. **Motor Control:** Detecting over-current conditions to protect circuits.
---
### 4. Comparison with Standard Resistors
Unlike a standard $10k\Omega$ resistor used for signal pull-ups, the LRF1206-R02JT1 acts as a **shunt**. Because its resistance is extremely low (0.02 Ohms), it introduces minimal power loss into the system while allowing measurement circuitry to calculate the flow of Amperes accurately.
- ⤷
What is the maximum current this resistor can handle based on its 0.5W power rating?
- ⤷ Are there 1% tolerance versions of this specific series available for higher precision?
- ⤷ How does the 'R02' naming convention change for a 200 mΩ resistor?