전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LRF2010-R01GT1

  • AI
    The **LRF2010-R01GT1** is a precision low-resistance chip resistor manufactured by **TT Electronics/Welwyn**. It belongs to the LRF series, which is specifically designed for current sensing applications where high power density and low resistance values are required. --- ### ## Technical Specifications The following table summarizes the primary electrical and physical characteristics of the LRF2010-R01GT1: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | TT Electronics / Welwyn | | **Part Number** | LRF2010-R01GT1 | | **Resistance** | 0.01 $\Omega$ (10 m$\Omega$) | | **Tolerance** | $\pm 2\%$ | | **Power Rating** | 1 Watt | | **Package Size** | 2010 (Imperial) / 5025 (Metric) | | **Temperature Coefficient (TCR)** | $\pm 100$ ppm/°C | | **Technology** | Thick Film | | **Operating Temperature** | -55°C to +155°C | --- ### ## Key Features & Construction 1. **Low Ohmic Value:** At 10m$\Omega$, this resistor is designed to sit in the path of a current flow to measure the voltage drop across it without significantly affecting the circuit's overall impedance. 2. **High Power-to-Size Ratio:** The 2010 package usually handles lower power, but the LRF series uses specialized materials to achieve a **1W rating**, allowing for compact PCB designs. 3. **Sulfur Resistance:** The "GT1" suffix often indicates specific plating or termination styles that provide better stability in harsh environments. 4. **Thick Film on Alumina:** The resistive element is printed onto a high-purity alumina substrate, providing good thermal conductivity. --- ### ## Application Use Cases This component is commonly found in power management and monitoring circuits: * **Current Sensing:** Used as a "shunt" to monitor battery discharge or motor current. * **DC-DC Converters:** Providing feedback to PWM controllers to prevent over-current conditions. * **Battery Management Systems (BMS):** Measuring state-of-charge (SoC) by monitoring current flow. * **Power Supplies:** Serving as a protective element to detect short circuits. --- ### ## Code Example: Calculating Voltage Drop When using this resistor in a circuit, you can calculate the voltage output for a microcontroller ADC using Ohm's Law ($V = I \times R$): ```python # Constants for LRF2010-R01GT1 resistance = 0.01 # 10 mOhms max_power = 1.0 # 1 Watt def calculate_voltage_drop(current_amps): voltage = current_amps * resistance power_dissipated = (current_amps ** 2) * resistance if power_dissipated > max_power: return "Warning: Power exceeds 1W rating!" return f"Voltage Drop: {voltage:.4f}V | Power: {power_dissipated:.4f}W" # Example: 5 Amps flowing through the resistor print(calculate_voltage_drop(5.0)) ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'GT1' suffix in this specific series?
    • ⤷ How does the TCR of 100 ppm/°C impact measurement accuracy in high-heat environments?
    • ⤷ What are the recommended PCB layout tips for 4-terminal sensing with a 2-terminal 2010 resistor?