전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LRF2512-R02JW

  • AI
    The **LRF2512-R02JW** is a high-power, low-resistance surface-mount (SMD) resistor commonly used for current sensing applications. It is part of the LRF series manufactured by Welwyn (TT Electronics). --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics. | Parameter | Specification | | :--- | :--- | | **Series** | LRF (Low Resistance Metal Foil) | | **Package Size** | 2512 (6.4mm x 3.2mm) | | **Resistance Value** | 0.02 $\Omega$ (20m$\Omega$) | | **Tolerance** | ±5% (indicated by 'J') | | **Power Rating** | 2 Watts | | **Temperature Coefficient (TCR)** | ±100 ppm/°C | | **Operating Temperature** | -55°C to +155°C | --- ### 2. Key Features * **Current Sensing:** Because of its very low resistance (20m$\Omega$), it is designed to measure current by monitoring the voltage drop across the component ($V = I \times R$). * **High Power Dissipation:** The 2512 package is larger than standard resistors, allowing it to dissipate up to 2W of heat safely. * **Metal Foil Technology:** Uses a thick film or metal foil element on a ceramic substrate to ensure stability and reliability under high thermal stress. * **Low Inductance:** The construction minimizes inductive reactance, making it suitable for high-frequency switching applications. --- ### 3. Application Use Cases This component is typically found in power management circuits where monitoring current flow is critical. * **DC-DC Converters:** Sensing output current for regulation. * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion packs. * **Motor Control:** Detecting overcurrent conditions to protect the motor driver. * **Power Supplies:** Used in the feedback loop to maintain constant current. --- ### 4. Part Number Breakdown `LRF` | `2512` | `-` | `R02` | `J` | `W` ---|---|---|---|---|--- Series Name | Case Size | | Resistance (0.02$\Omega$) | Tolerance (±5%) | Packaging (Tape & Reel)
    ✨ Follow-up Questions
    • ⤷ What are the alternative tolerances available for the LRF2512 series?
    • ⤷ How does the power derating curve affect this resistor at temperatures above 70°C?
    • ⤷ Can this resistor be used in Kelvin (4-terminal) sensing configurations?