전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LRP-48MA-R

  • AI
    The **LRP-48MA-R** is a specific electronic component, typically categorized as a **Latching Relay** or a specialized **Power Control Module**. These components are frequently used in automation, power management systems, and industrial control circuits. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications The "LRP" series generally refers to high-capacity latching relays designed for energy management. | Feature | Specification (Typical) | | :--- | :--- | | **Relay Type** | Magnetic Latching | | **Contact Configuration** | 1 Form A (SPST-NO) or 1 Form B | | **Rated Load** | 48A - 60A (depending on peak surges) | | **Nominal Voltage** | 12V DC / 24V DC (Control Side) | | **Switching Voltage** | Up to 250V AC / 440V AC | | **Terminal Type** | Screw Terminals or Copper Straps | --- ## 2. Key Electronic Components & Design The device is comprised of several internal parts that allow it to function efficiently: ### A. Magnetic Latching Mechanism Unlike standard relays that require continuous power to stay "ON," the LRP-48MA-R uses a permanent magnet. * **Set Pulse:** A short electrical pulse moves the contacts to the closed position. * **Reset Pulse:** A reverse pulse moves them back. * **Benefit:** Zero power consumption in the steady state (energy efficient). ### B. High-Conductivity Contacts Because it is rated for **48A**, the internal contact points are usually made of **Silver Tin Oxide (AgSnO2)**. This material is chosen for its: * High resistance to welding (sticking). * Excellent arc quenching properties. * Long mechanical life under high-current loads. ### C. Shunt Resistor (Optional in "M" variants) The "MA" suffix often indicates the inclusion of an integrated **Shunt**. This allows the electronic system to measure the current flowing through the relay in real-time, making it an "Intelligent" relay. --- ## 3. Application Use-Cases The LRP-48MA-R is primarily found in: 1. **Smart Meters:** Used by utility companies to remotely connect or disconnect power. 2. **EV Charging Stations:** Managing the high-current flow to vehicle batteries. 3. **Solar Inverters:** Handling the DC-to-AC grid tie-in. 4. **Industrial Lighting:** Controlling large banks of LED or HID lights. --- ## 4. Advantages vs. Disadvantages | Pros | Cons | | :--- | :--- | | Low heat generation (no holding coil power). | Requires a H-Bridge circuit to pulse the coil. | | Compact size for 48A switching capacity. | Sensitive to strong external magnetic fields. | | High vibration resistance. | Pulse timing must be precise (typically 50ms-100ms). |
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the LRP-48MA-R coil terminals?
    • ⤷ Can this relay be used for DC load switching at 48A?
    • ⤷ What is the recommended pulse duration for the latching mechanism?