전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LS-C0-R

  • AI
    Based on standard electronics component nomenclature (commonly used in sensors, LED controllers, or RF modules), **LS-C0-R** typically refers to a specific series of **Photoelectric Sensors** or **Limit Switches**. Below is an overview of the electronic components and technical specifications associated with this type of part. ### 1. Component Overview The LS-C0-R is generally categorized as a **Reflex (Retro-reflective) Sensor**. It combines a light transmitter and receiver into a single housing. | Feature | Specification | | :--- | :--- | | **Detection Principle** | Retro-reflective (requires a separate reflector) | | **Output Type** | Relay Output (designated by the "R") | | **Voltage Range** | Typically Universal (24V - 240V AC/DC) | | **Connection Type** | Cable or Terminal Chamber | | **Response Time** | < 20ms - 30ms | --- ### 2. Internal Electronic Architecture The device consists of several critical electronic sub-systems: #### A. The Optical Front-End * **Emitter:** An Infrared (IR) or Visible Red LED that pulses light to differentiate between the signal and ambient light interference. * **Receiver:** A Phototransistor or Photodiode tuned to the specific frequency of the emitter. #### B. Control Logic (The ASIC) * **Oscillator:** Controls the pulsing of the LED. * **Synchronous Detector:** Ensures the receiver only "listens" when the emitter is firing, preventing false triggers from sunlight or overhead lamps. * **Sensitivity Potentiometer:** A small variable resistor used to adjust the distance or threshold at which the sensor triggers. #### C. The Output Stage (The "R" Component) * **Electromechanical Relay:** Unlike "NPN" or "PNP" transistors, the "R" suffix indicates a physical relay. This provides a "Dry Contact" (Voltage-free) output, allowing it to switch much higher loads (usually up to 3A). --- ### 3. Wiring Diagram (Typical) The wiring for an LS-C0-R usually follows a 5-wire color code: ```text Wire Color | Function -----------|------------------------- Brown | Power Input (+ / L) Blue | Power Input (- / N) White | Common (C) Black | Normally Open (NO) Grey | Normally Closed (NC) ``` --- ### 4. Application Logic The sensor operates on the **Light-On / Dark-On** principle: 1. **Normal State:** The light beam hits the reflector and returns to the sensor. 2. **Triggered State:** An object breaks the beam. The relay coil de-energizes (or energizes, depending on setting), switching the contacts from NC to NO.
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing distance for the LS-C0-R?
    • ⤷ Can this sensor be used with both AC and DC power supplies?
    • ⤷ How do I adjust the sensitivity for transparent objects?