전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LS832

  • AI
    The **LS832** refers to a high-performance, monolithic **dual N-channel JFET** (Junction Field Effect Transistor). It is manufactured by Linear Systems and is designed to provide ultra-low noise and high input impedance, making it a staple in precision analog circuitry. --- ### 1. Key Technical Specifications The LS832 is characterized by its tight matching between the two transistors on the single silicon chip. | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Gate-Source Cutoff Voltage** | $V_{GS(off)}$ | -0.5 to -3.0 | V | | **Saturation Drain Current** | $I_{DSS}$ | 2.0 to 15 | mA | | **Gate-Source Forward Current** | $I_{GSS}$ | 1.0 | pA | | **Common-Mode Rejection Ratio** | $CMRR$ | 90 | dB | | **Noise Voltage** | $e_n$ | 2.0 | $nV/\sqrt{Hz}$ | --- ### 2. Physical Packaging and Pinout The LS832 is commonly available in several industry-standard packages to suit different thermal and space requirements: * **TO-71:** A metal can package providing excellent shielding and thermal tracking. * **SOIC-8:** A surface-mount package for modern, compact PCB designs. * **PDIP-8:** Through-hole plastic package for prototyping and breadboarding. #### Typical Pin Configuration (SOIC-8/PDIP-8) | Pin Number | Function | | :--- | :--- | | 1 | Drain 1 | | 2 | Source 1 | | 3 | Gate 1 | | 4 | Case/Substrate | | 5 | Gate 2 | | 6 | Source 2 | | 7 | Drain 2 | | 8 | (NC) No Connection | --- ### 3. Application Areas Because of its dual-matched nature and low-noise profile, the LS832 is utilized in specific high-end electronic sectors: * **Differential Amplifiers:** Used at the front end of operational amplifiers to minimize offset voltage and drift. * **Audio Pre-amplifiers:** Its low noise floor makes it ideal for high-fidelity audio equipment and microphone preamps. * **Electrometer Amplifiers:** The ultra-low gate leakage current (picoampere range) allows for measuring extremely small currents. * **Medical Instrumentation:** Used in ECG/EEG monitors where high input impedance is required to interface with skin sensors. --- ### 4. Circuit Design Considerations When integrating the LS832 into a design, engineers typically focus on: 1. **Thermal Tracking:** Since both JFETs are on the same die, they respond identically to temperature changes, which cancels out thermal drift in differential pairs. 2. **ESD Sensitivity:** Like most JFETs, the LS832 is sensitive to static discharge and requires careful handling during assembly. 3. **Biasing:** Proper selection of source resistors is necessary to set the desired $I_D$ (Drain Current) for optimal linearity.
    ✨ Follow-up Questions
    • What are the primary differences between the LS832 and the LS844 dual JFET?
    • How does the LS832 compare to a standard bipolar junction transistor (BJT) in low-noise applications?
    • What are the best practices for PCB layout to maintain the low-noise characteristics of the LS832?