LSMH-2012-R15K-T
AI

The **LSMH-2012-R15K-T** is a specific electronic component belonging to the **Surface Mount Device (SMD) Power Inductor** category. It is commonly used in power management circuits, such as DC-DC converters, for high-frequency applications.
### 1. Part Number Breakdown
The part number follows a standard industry nomenclature, typically used by manufacturers like Taiyo Yuden or similar specialist brands.
| Segment | Code | Description |
| :--- | :--- | :--- |
| **Series** | `LSMH` | Low-profile, Shielded Magnetic Inductor series. |
| **Dimensions** | `2012` | Metric size: 2.0mm x 1.25mm (equivalent to EIA 0805). |
| **Inductance** | `R15` | 0.15 Microhenries ($\mu H$). "R" acts as the decimal point. |
| **Tolerance** | `K` | $\pm 10\%$ tolerance. |
| **Packaging** | `T` | Taped and Reeled for automated pick-and-place assembly. |
---
### 2. Technical Specifications
While exact values can vary slightly by manufacturer, the 2012-series 0.15$\mu H$ inductors generally share these characteristics:
* **Inductance:** 0.15 $\mu H$
* **Case Size:** 0805 (Inch) / 2012 (Metric)
* **Structure:** Wire-wound or multilayer with magnetic shielding to reduce Electromagnetic Interference (EMI).
* **DC Resistance (DCR):** Usually very low (milli-ohms range) to minimize power loss.
* **Saturation Current ($I_{sat}$):** The current level at which inductance drops by a specified percentage (typically 30%).
* **Rated Current ($I_{rms}$):** The maximum continuous current the part can handle without exceeding a specific temperature rise (usually $40^\circ C$).
---
### 3. Key Features and Applications
#### Features
* **Magnetic Shielding:** Reduces leakage flux, allowing components to be placed closer together on a PCB without interference.
* **Compact Footprint:** The 2.0 x 1.25mm size is ideal for space-constrained mobile devices.
* **High Efficiency:** Designed for high switching frequencies, often used in circuits operating above 1 MHz.
#### Applications
* **Smartphones & Tablets:** Power rails for CPUs and GPUs.
* **Wearables:** Compact power management modules.
* **DC-DC Converters:** Buck or Boost converters in portable electronics.
* **Communication Modules:** Filtering and decoupling in RF circuits.
---
### 4. Typical Footprint (Dimensions)
```markdown
| Dimension | Measurement (mm) |
| :--- | :--- |
| Length (L) | 2.0 ± 0.2 |
| Width (W) | 1.25 ± 0.2 |
| Height (H) | 1.0 - 1.2 (Max) |
```
---
- ⤷
What is the difference between Isat and Irms for this inductor?
- ⤷ Can you provide a list of alternative manufacturers for 0805 SMD inductors?
- ⤷ How does the 'R15' value impact the efficiency of a buck converter?