전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LSMH-2012-R15M-T

  • AI
    The **LSMH-2012-R15M-T** is a surface-mount (SMD) power inductor commonly used in high-frequency power management circuits. It is designed to handle high currents while maintaining a compact footprint. --- ### 1. Technical Specifications The part number follows a standardized naming convention that reveals its physical and electrical characteristics: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Inductance** | 0.15 µH | Indicated by "R15" | | **Tolerance** | ±20% | Indicated by "M" | | **Package Size** | 2012 (Metric) | 2.0mm x 1.25mm (0805 Imperial) | | **Mounting Type** | Surface Mount (SMD) | Suitable for automated PCB assembly | | **Packaging** | Tape & Reel | Indicated by "-T" | ### 2. Component Construction The LSMH series typically utilizes **Metal Alloy** or **Multilayer Ferrite** technology: * **Core Material:** Usually a metal powder core which provides high saturation currents (Isat) compared to standard ferrites. * **Shielding:** These are generally magnetically shielded to reduce Electromagnetic Interference (EMI), making them safe for dense circuit layouts. * **Terminations:** Lead-free (RoHS compliant) tin plating for excellent solderability. ### 3. Key Performance Features 1. **Low DCR (DC Resistance):** Designed to minimize power loss and heat generation during operation. 2. **High Saturation Current:** The "Metal Hybrid" construction allows the inductor to maintain its inductance value even when high current spikes occur. 3. **Compact Profile:** The 2012 (0805) size is ideal for thin devices like smartphones and wearables. ### 4. Typical Applications This specific inductor (0.15 µH) is optimized for very high-speed switching regulators: * **DC-DC Converters:** Point-of-load (POL) power supplies. * **Mobile Devices:** Smartphones, tablets, and portable gaming consoles. * **CPU/GPU Power:** Voltage Regulator Modules (VRM) where high efficiency and high frequency are required. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for this specific inductor?
    • ⤷ How does a metal alloy core differ from a traditional ferrite core in power inductors?
    • ⤷ Can this part be substituted with a 0805 size ceramic inductor?