전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LSMH-2012-R15S-B

  • AI
    The **LSMH-2012-R15S-B** is a high-frequency, surface-mount multilayer chip inductor. These components are primarily used for power management and signal filtering in compact electronic devices such as smartphones, wearables, and IoT modules. --- ### 1. Technical Specifications Below is a breakdown of the typical technical parameters for this specific part number: | Parameter | Specification | Unit | | :--- | :--- | :--- | | **Inductance** | 0.15 (R15) | µH | | **Tolerance** | ±0.3 (S) | nH / % | | **Case Size** | 2012 (0805 Imperial) | mm | | **DC Resistance (DCR)** | ~0.15 - 0.25 (Max) | Ω | | **Rated Current** | ~400 - 800 | mA | | **Operating Temp** | -40 to +125 | °C | --- ### 2. Part Number Breakdown The alphanumeric code follows a standardized format used by manufacturers (like Sunlord or Chilisin): 1. **LSMH**: Series prefix (typically High-Frequency Multilayer Chip Inductor). 2. **2012**: Physical dimensions (2.0mm length x 1.25mm width). 3. **R15**: Inductance value. "R" acts as a decimal point, so R15 = **0.15µH**. 4. **S**: Tolerance code. "S" usually denotes a specific tight tolerance (e.g., ±0.3nH). 5. **B**: Packaging or internal revision code (usually indicates Bulk or specific Tape & Reel). --- ### 3. Key Applications Because of its small footprint and low inductance value, this part is ideal for: * **RF Circuits:** Matching networks for Bluetooth, Wi-Fi, and GPS. * **High-Speed Signal Lines:** Filtering noise without degrading signal integrity. * **DC-DC Converters:** Small-scale power conversion in mobile devices. --- ### 4. Sample Integration (Footprint Definition) When designing a PCB for this part, the landing pattern should follow the 0805 (2012 Metric) standard: ```markdown // Typical Pad Dimensions (mm) Width: 1.25mm Gap between pads: 1.0mm Pad Length: 0.8mm ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for this inductor?
    • ⤷ How does the self-resonant frequency (SRF) affect its performance in RF circuits?
    • ⤷ Can this part be used in high-vibration automotive environments?