전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LSML-160808-R10M-T

  • AI
    The **LSML-160808-R10M-T** is a surface-mount multilayer chip inductor commonly used in high-frequency and power-filtering applications. It is designed to be compact and efficient for modern PCB layouts. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's physical and electrical characteristics: | Code | Segment | Meaning | | :--- | :--- | :--- | | **LSML** | Series | Multilayer Chip Inductor (Standard low-profile series) | | **160808** | Size (Metric) | Dimensions: 1.6mm (L) x 0.8mm (W) x 0.8mm (H). Equivalent to **0603** in Imperial. | | **R10** | Inductance | **0.10 µH** (R denotes the decimal point). | | **M** | Tolerance | **±20%** tolerance. | | **-T** | Packaging | **Tape & Reel** (Standard for automated SMD assembly). | --- ### 2. Key Specifications While specific values can vary slightly by manufacturer (e.g., Sunlord or similar brands), the typical technical profile for this part is as follows: - **Inductance:** 0.10 µH (100 nH) - **Rated Current (Max):** Usually between 200mA and 400mA (application dependent). - **DC Resistance (DCR):** Low resistance, typically < 0.30 Ω, to minimize power loss. - **Operating Temperature:** -40°C to +85°C or +125°C. - **Material:** Ferrite-based multilayer construction. --- ### 3. Features and Construction The "Multilayer" design means the inductor is built by layering conductive patterns and ceramic/ferrite materials rather than winding a wire around a core. * **Magnetic Shielding:** The multilayer structure provides a closed magnetic circuit, minimizing Electromagnetic Interference (EMI) with neighboring components. * **High Reliability:** No external windings mean it is more resistant to mechanical shock and vibration. * **Solderability:** Features nickel/tin plating for excellent reflow soldering performance. --- ### 4. Common Applications Due to its small 0603 footprint and 0.10 µH inductance, it is frequently found in: 1. **Smartphones & Tablets:** For noise suppression in high-speed data lines. 2. **RF Circuits:** Matching networks and decoupling in wireless modules (Wi-Fi, Bluetooth). 3. **Power Management:** Filtering high-frequency ripples in DC-DC converters.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this multilayer inductor and a wire-wound inductor?
    • ⤷ Can this part be used in automotive applications?
    • ⤷ What are the typical test frequencies for the R10M inductance value?