전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LSML-321611-R33M-T

  • AI
    The **LSML-321611-R33M-T** is a surface-mount (SMD) multilayer chip inductor designed for high-frequency noise suppression and signal filtering. It is commonly used in consumer electronics like smartphones, tablets, and computing devices. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical constraints of the component: | Code Segment | Description | Meaning | | :--- | :--- | :--- | | **LSML** | Series | Multilayer Chip Inductor (Standard Type) | | **321611** | Dimensions | 3.2mm (L) x 1.6mm (W) x 1.1mm (T) / (Metric 3216 / EIA 1206) | | **R33** | Inductance | R33 = 0.33 µH (Microhenries) | | **M** | Tolerance | M = ±20% | | **T** | Packaging | T = Tape & Reel | --- ### 2. Technical Specifications These parameters define how the inductor performs under electrical load: | Parameter | Value | | :--- | :--- | | **Inductance** | 0.33 µH | | **Tolerance** | ±20% | | **Self-Resonant Frequency (SRF)** | ~250 MHz (Minimum) | | **DC Resistance (DCR)** | ~0.35 Ω (Maximum) | | **Rated Current** | ~250 mA (Maximum) | | **Operating Temperature** | -40°C to +85°C | --- ### 3. Key Electronic Characteristics #### A. Multilayer Construction Unlike wire-wound inductors, the LSML series uses a **multilayer ceramic/ferrite structure**. This provides: * **Small Footprint:** High inductance density in a compact 1206 package. * **Magnetic Shielding:** The closed magnetic circuit minimizes electromagnetic interference (EMI) with surrounding components. * **High Reliability:** No external wires that can break; highly resistant to mechanical shock. #### B. Frequency Response At 0.33 µH, this part is optimized for high-frequency applications. The **Self-Resonant Frequency (SRF)** is the point where the component stops acting like an inductor and starts acting like a capacitor. For this part, it stays inductive up to approximately 250 MHz. #### C. DCR and Current Rating * **DCR (Direct Current Resistance):** The internal resistance of the material. A lower DCR (0.35 Ω) ensures minimal power loss and heat generation. * **Rated Current:** The maximum continuous current (250 mA) the part can handle before the temperature rises significantly or the magnetic core saturates. --- ### 4. Typical Applications This component is generally found in: * **DC-DC Converters:** Small power supply modules. * **EMI Filtering:** Removing high-frequency noise from data lines or power rails. * **RF Circuits:** Used in decoupling and matching circuits for wireless communication.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between this multilayer inductor and a wire-wound inductor?
    • ⤷ Can this component be used in high-power power supply circuits?
    • ⤷ What happens to the inductance value if the operating temperature exceeds 85°C?