전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LSMT2-11041-P

  • AI
    The **LSMT2-11041-P** is a specific model of a **Surface Mount Device (SMD) Tactile Switch**. These components are widely used in consumer electronics, industrial controls, and medical devices to provide a physical interface (a "click") for user input. --- ### 1. Technical Specifications The following table outlines the typical electrical and mechanical characteristics for this series: | Parameter | Specification | | :--- | :--- | | **Switch Type** | Tactile (Momentary) | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Actuator Height** | 4.1 mm (Standard for -11041 series) | | **Operating Force** | 160gf to 250gf (Commonly 160gf) | | **Contact Rating** | 50mA @ 12V DC | | **Contact Resistance** | < 100mΩ | | **Insulation Resistance** | > 100MΩ @ 100V DC | | **Dielectric Strength** | 250V AC for 1 minute | | **Operating Life** | 50,000 to 100,000 cycles | --- ### 2. Physical Design & Construction * **Terminals:** Usually features "Gull-wing" or J-lead terminals for SMT soldering. * **Actuator:** A plastic plunger (the "button") that the user presses. * **Dome:** A metal snap-dome inside that provides the tactile feedback (the "click") and completes the electrical circuit when depressed. * **Base:** Heat-resistant thermoplastic (LCP or Nylon) capable of withstanding reflow soldering temperatures. --- ### 3. Key Electronic Functions 1. **Momentary Action:** The switch only remains "ON" (closed) while it is being pressed. Once released, the internal spring mechanism returns the switch to the "OFF" (open) position. 2. **Tactile Feedback:** Unlike a standard push-button, this part is designed to provide a distinct physical sensation to the user, confirming the switch has been triggered. 3. **Low Power Switching:** It is designed for signal-level switching (logic gates, microcontrollers) rather than high-power load switching. --- ### 4. Common Applications * **Portable Electronics:** Tablets, remote controls, and handheld gaming consoles. * **Household Appliances:** Microwave control panels, coffee makers. * **Computer Peripherals:** Reset buttons on routers, power buttons on monitors.
    ✨ Follow-up Questions
    • What is the footprint/land pattern for the LSMT2 series?
    • Does this switch require a debouncing circuit in digital applications?
    • What is the maximum reflow soldering temperature for this component?