전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LSMT2-12040-R

  • AI
    The **LSMT2-12040-R** is an electronic component typically categorized as a **Surface Mount (SMT) Magnetic Transducer** or Buzzer. These parts are designed to provide audible feedback (beeps or tones) in compact electronic devices. --- ### 1. Technical Specifications The following table highlights the typical electrical and physical characteristics of this component series: | Characteristic | Specification (Typical) | | :--- | :--- | | **Type** | Magnetic Transducer (External Drive) | | **Rated Voltage** | 3.0 Vp-p | | **Operating Voltage** | 2.0 ~ 5.0 Vp-p | | **Current Consumption** | Max 80-100 mA | | **Sound Pressure Level (SPL)** | Min 85 dB (at 10cm) | | **Resonant Frequency** | 2,700 Hz - 4,000 Hz | | **Coil Resistance** | 12 ± 3 Ω | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Dimensions** | ~12.0mm x 12.0mm x 4.0mm | --- ### 2. Key Electronic Components & Working Principle The "LSMT" series functions based on electromagnetism rather than the piezoelectric effect. 1. **The Coil:** A fine copper wire winding that creates a magnetic field when an alternating current (AC) or square wave passes through it. 2. **The Magnet:** A permanent magnet that provides a bias field. 3. **The Diaphragm:** A flexible metal disk. When the coil is energized, the magnetic field interacts with the diaphragm, causing it to vibrate at the frequency of the input signal. 4. **Housing:** Usually made of High-Temperature Plastic (LCP or PPS) to withstand SMT reflow soldering temperatures. --- ### 3. Application Circuit Requirements Unlike "Indicators" which beep as soon as DC power is applied, this **Transducer** requires an external drive circuit. ```c // Example: Driving the Transducer with a Microcontroller (MCU) // You must provide a Square Wave at the Resonant Frequency. void setup() { pinMode(BUZZER_PIN, OUTPUT); } void loop() { tone(BUZZER_PIN, 2730); // Generate 2.7kHz signal delay(500); noTone(BUZZER_PIN); delay(500); } ``` **Note:** It is highly recommended to use a **Transistor (NPN)** or a MOSFET to drive this part, as the current draw (up to 100mA) often exceeds the maximum output current of a standard MCU GPIO pin (typically 20-40mA). --- ### 4. Common Applications * **Medical Devices:** Alarms and status indicators. * **Consumer Electronics:** Microwave timers, white goods, and handheld terminals. * **Security Systems:** Keypad entry confirmation sounds. * **Industrial:** Error notifications on PCB assemblies.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a magnetic transducer and a piezo buzzer?
    • ⤷ How do I calculate the flyback diode needed for this component?
    • ⤷ Can this part be washed after reflow soldering?