AI

The **LSMT2-145G0-R** is a high-performance, surface-mount (SMT) tactile switch. It is primarily used in consumer electronics and industrial interfaces where space is limited and a physical "click" sensation (haptic feedback) is required.
---
### 1. Key Technical Specifications
The following table highlights the core electrical and mechanical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Actuation Force** | 145 ± 50 gf (Grams-force) |
| **Contact Arrangement** | SPST (Single Pole Single Throw) |
| **Switch Function** | Off-(On) Momentary |
| **Mounting Type** | Surface Mount (SMT), Gull-wing |
| **Height** | ~2.5mm (depending on specific series revision) |
| **Contact Rating** | 50mA @ 12V DC |
| **Operating Life** | ~100,000 to 200,000 cycles |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Physical Construction
The switch consists of several critical layers that define its functionality:
* **Actuator (Button):** The top part that the user presses. In this specific model, it is designed for a low profile.
* **Metal Dome:** This is the heart of the switch. It provides the "snap" or tactile feel. When pressed, it collapses to complete the electrical circuit; when released, it springs back to the open position.
* **Base/Housing:** High-temperature thermoplastic capable of withstanding **reflow soldering** temperatures (approx. 260°C).
* **Terminals:** Silver or gold-plated leads for high conductivity and oxidation resistance.
---
### 3. Application Use Cases
Because of its small footprint and reliability, the LSMT2-145G0-R is commonly found in:
1. **Wearables:** Smartwatches and fitness trackers.
2. **Portable Medical Devices:** Handheld monitors or diagnostic tools.
3. **Consumer Electronics:** Remote controls, cameras, and headphones.
4. **Computer Peripherals:** Reset buttons or mode selection switches on PCBs.
---
### 4. Circuit Diagram (Simplified)
The switch operates as a simple "Normally Open" (NO) circuit:
```text
Terminal A (Input)
|
----- (Tactile Dome)
/ \
| |
Terminal B (Output/Ground)
```
*When the actuator is pressed, the dome bridges Terminal A and Terminal B.*
- ⤷What is the difference between silver and gold plating for this switch?
- ⤷ What are the recommended reflow soldering profiles for this component?
- ⤷ Can this switch be used in waterproof applications?