전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LSMT2-1A0A0-R

  • AI
    The **LSMT2-1A0A0-R** is a high-performance, surface-mount (SMT) common mode choke designed primarily for noise suppression in high-speed differential signal lines. It is widely used in automotive and industrial applications to ensure Electromagnetic Compatibility (EMC). --- ## 1. Technical Specifications The following table outlines the key electrical and physical parameters of the LSMT2-1A0A0-R: | Parameter | Value / Specification | | :--- | :--- | | **Component Type** | Common Mode Choke | | **Common Mode Impedance** | 1000 $\Omega$ (Typical at 100MHz) | | **Rated Current** | 400 mA (Maximum) | | **DC Resistance (DCR)** | 0.30 $\Omega$ (Maximum) | | **Insulation Resistance** | 10 M$\Omega$ (Minimum) | | **Rated Voltage** | 50 VDC | | **Operating Temperature** | -40°C to +125°C | | **Package Size** | 2012 (Metric) / 0805 (Inch) | --- ## 2. Core Functional Features ### Noise Suppression This part is specifically engineered to filter **Common Mode Noise** (noise that travels in the same direction on both lines) while allowing the **Differential Mode Signal** (the actual data) to pass through with minimal attenuation. ### Compact SMT Design The "2012" size (2.0mm x 1.2mm) makes it ideal for high-density circuit boards. The "R" suffix typically denotes that the component is provided on **Tape and Reel** for automated pick-and-place assembly. ### Automotive Grade Reliability Many parts in this series are designed to meet rigorous standards (often AEC-Q200 compliant), meaning they can withstand high-vibration environments and extreme temperature fluctuations without mechanical or electrical failure. --- ## 3. Common Applications Commonly found in communication interfaces where data integrity is critical: * **CAN-Bus / CAN-FD:** Standard in automotive networking. * **USB Lines:** Filtering power and data noise. * **Ethernet:** Protecting signal lines from external EMI. * **ADAS Modules:** Advanced Driver Assistance Systems requiring stable sensor data. --- ## 4. Typical Internal Circuit The component consists of two coils wound around a single ferrite core: ```text Line 1 In o---( Coil 1 )---o Line 1 Out ( Core ) Line 2 In o---( Coil 2 )---o Line 2 Out ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between common mode and differential mode noise in this context?
    • ⤷ Can this part be used for power supply filtering instead of signal lines?
    • ⤷ What are the recommended soldering profiles for this SMT package?