전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LSMT2-22150-R

  • AI
    ### Overview of LSMT2-22150-R The **LSMT2-22150-R** is a high-performance **Common Mode Choke (CMC)** designed for surface-mount technology (SMT) applications. It is primarily used to suppress electromagnetic interference (EMI) and radio frequency interference (RFI) in high-speed differential signal lines. --- ### Key Technical Specifications | Parameter | Value / Range | Description | | :--- | :--- | :--- | | **Inductance** | 22 mH (typical) | Effective for low-frequency noise suppression | | **Rated Current** | 150 mA | Maximum continuous current | | **DCR** | ~1.5 - 2.5 Ω | DC Resistance (winding resistance) | | **Mounting Type** | SMT / SMD | Surface Mount Device | | **Package Size** | 2215 (Imperial) | Physical footprint dimensions | | **Operating Temp** | -40°C to +125°C | Industrial grade thermal range | --- ### Core Electronic Components & Construction The internal structure of the LSMT2-22150-R consists of several critical electronic elements: 1. **Magnetic Core (Ferrite):** The heart of the component is a high-permeability ferrite core. Ferrite is used because it provides high impedance to high-frequency noise while allowing desired DC or low-frequency signals to pass with minimal attenuation. 2. **Dual Windings:** It consists of two insulated copper wire coils wound on the same core. These are configured such that: * **Differential signals** (opposite phase) create magnetic fields that cancel each other out, passing through freely. * **Common mode noise** (same phase) creates magnetic fields that add up, resulting in high impedance that blocks the noise. 3. **Encapsulation/Housing:** The windings are protected by a molded resin or ceramic-based housing, providing physical durability and moisture resistance. --- ### Typical Applications * **Communication Ports:** Filtering noise in CAN bus, USB, or Ethernet lines. * **Power Supplies:** Used in the input/output stages of DC-DC converters to reduce ripple. * **Industrial Electronics:** Protecting sensitive sensors from ambient EMI. --- ### Schematic Representation ```text L1 (Winding 1) 1 o---( ( ( ( (---o 2 CORE 4 o---( ( ( ( (---o 3 L2 (Winding 2) ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 2215 package size in PCB design?
    • ⤷ How does the common-mode impedance of this part change with frequency?
    • ⤷ Can this part be used in automotive applications requiring AEC-Q200 certification?