전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LSMT2-31150-R

  • AI
    The **LSMT2-31150-R** is a high-performance, surface-mount (SMT) magnetic transducer (buzzer) commonly used in consumer electronics, medical devices, and industrial alarms. It belongs to the family of electromagnetic sound generators. --- ### Technical Specifications Below are the primary electronic and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Type** | Magnetic Transducer (External Drive) | | **Rated Voltage** | 1.5 Vo-p | | **Operating Voltage** | 1.0 ~ 2.0 Vo-p | | **Rated Current** | Max 80 mA | | **Sound Pressure Level (SPL)** | Min 85 dB (at 10cm) | | **Resonant Frequency** | 3100 Hz | | **Coil Resistance** | 6.0 ± 1.0 Ω | | **Operating Temperature** | -40°C to +85°C | | **Mounting Type** | Surface Mount (SMD) | --- ### Core Electronic Components #### 1. Magnetic Coil The "heart" of the device is a wire coil with a nominal resistance of **6 Ohms**. When an alternating current passes through this coil, it creates a fluctuating magnetic field. #### 2. Permanent Magnet Internal to the housing is a small permanent magnet. This provides a static magnetic field that interacts with the field generated by the coil to move the internal diaphragm. #### 3. Diaphragm A metallic disk (often iron or a magnetic alloy) that vibrates in response to the magnetic fluctuations. The frequency of the input signal determines the pitch of the sound produced. #### 4. Housing (LCP/PPS Plastic) The outer casing is typically made from Liquid Crystal Polymer (LCP) or similar high-heat plastics to withstand the **Reflow Soldering** process required for SMT components. --- ### Application Circuit Requirements Unlike an "indicator" (which makes sound just by applying DC), the **LSMT2-31150-R** is a **transducer**. It requires an external drive circuit (oscillator) to function. ```cpp // Example: Driving the buzzer using a Microcontroller (MCU) // Frequency: 3100Hz (Resonant Frequency for max volume) void setup() { pinMode(BUZZER_PIN, OUTPUT); } void loop() { tone(BUZZER_PIN, 3100); // Send 3.1kHz square wave delay(500); noTone(BUZZER_PIN); delay(500); } ``` ### Key Integration Notes * **Polarity:** Observe the "+" marking on the top of the casing; magnetic transducers are polarized for optimal performance. * **Driving Transistor:** Because it can draw up to **80mA**, it should be driven via a NPN transistor (like a MMBT2222) or a MOSFET rather than directly from an MCU pin. * **Flyback Diode:** It is recommended to place a diode in parallel with the buzzer to protect the circuit from inductive voltage spikes when the coil is switched off. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a transducer and an indicator buzzer?
    • ⤷ How do I calculate the flyback diode requirements for this component?
    • ⤷ Can this buzzer be driven using a PWM signal from an Arduino?