전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LSMT2-40540-R

  • AI
    The **LSMT2-40540-R** is a high-performance, surface-mount (SMT) magnetic transducer (buzzer) typically used in consumer electronics for audio feedback. Below is a detailed technical breakdown of its electronic components and specifications. --- ### 1. Technical Specifications The part number typically decodes into specific physical and electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Type** | Magnetic / Electromagnetic Transducer | | **Rated Voltage** | 3.0V - 5.0V (Standard operating range) | | **Operating Voltage** | 2.0V ~ 6.0V | | **Rated Current** | Max 80mA - 100mA (at rated voltage) | | **Sound Pressure Level (SPL)** | Min 85dB at 10cm | | **Resonant Frequency** | 2700Hz ~ 2730Hz | | **Coil Resistance** | 25Ω ± 5Ω (approximate) | | **Mounting Type** | SMT (Surface Mount Technology) | --- ### 2. Internal Electronic Construction As a **magnetic transducer**, the LSMT2-40540-R consists of several key internal parts that facilitate the conversion of electrical energy into sound: * **The Coil:** A thin copper wire winding. When current passes through this coil, it creates an electromagnetic field. * **The Permanent Magnet:** Provides a static magnetic field that interacts with the field generated by the coil. * **The Diaphragm:** A flexible metal disk (often containing a small iron piece). The interaction between the permanent magnet and the energized coil causes the diaphragm to vibrate. * **Housing/Casing:** Typically made of LCP (Liquid Crystal Polymer) or high-temperature plastic to withstand reflow soldering temperatures. --- ### 3. Driving Circuit Requirements Unlike a "piezo indicator," this part is a **transducer**, meaning it does **not** have an internal oscillating circuit. You must provide a square wave at its resonant frequency to produce sound. #### Typical Driving Circuit To drive this component safely from a Microcontroller (MCU), a transistor switching circuit is required: ```arduino VCC (3V - 5V) | [ ] Resistor (Optional for volume control) | +---+ | | (LSMT2-40540-R) +---+ | [C] --- Collector of NPN Transistor (e.g., MMBT2222) [B] --- Base (Connected to MCU PWM pin via 1k resistor) [E] --- Ground (GND) ``` --- ### 4. Key Features for Manufacturing * **Reflow Compatibility:** Designed to handle lead-free soldering profiles. * **Washability:** Usually comes with a protective tab (sticker) over the sound hole to prevent fluids from entering during PCB washing. **Note:** This tab must be removed after assembly for full volume. * **Polarity:** These devices are polarized. Ensure the "+" mark on the casing matches the positive terminal on the PCB footprint. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a magnetic transducer and a piezo buzzer?
    • ⤷ What frequency should I use for the PWM signal to get the loudest sound?
    • ⤷ Can this component be driven directly by a 5V microcontroller pin?