전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LSMT2-42550-R

  • AI
    ### LSMT2-42550-R Overview The **LSMT2-42550-R** is a high-performance **Linear Servo Motor** component, typically utilized in precision motion control systems. These motors are designed to provide direct linear motion without the need for mechanical transmission elements like ball screws or belts, reducing friction and backlash. --- ### Technical Specifications and Features | Category | Specification / Detail | | :--- | :--- | | **Type** | Linear Synchronous Motor (LSM) | | **Force Constant** | Specific to the "42550" winding configuration | | **Cooling Method** | Typically Natural Convection (Air-cooled) | | **Feedback System** | Requires external Linear Encoder | | **Mounting Style** | Modular Track / Slider system | | **Compliance** | RoHS Compliant | --- ### Key Electronic Components & Operation #### 1. The Motor Coil (Forcer) The "Forcer" contains the copper windings. When alternating current (AC) is passed through these coils, it creates a magnetic field that interacts with the permanent magnets on the track to generate linear thrust. #### 2. Thermal Protection Most motors in this series include integrated **PTC Thermistors** or **NTC sensors**. These are critical electronic safety parts that monitor the internal temperature of the windings to prevent insulation breakdown during high-duty cycles. #### 3. Hall Effect Sensors (Optional/External) To achieve "commutation" (knowing which coil to energize), the system often uses Hall effect sensors. These sensors detect the magnetic poles of the track to ensure the controller provides current at the correct phase. #### 4. Wiring and Connectivity * **Power Leads:** Heavy-gauge shielded cables for the three-phase (U, V, W) power supply. * **Signal Leads:** Dedicated wires for ground (PE) and thermal sensors. --- ### System Integration To function correctly, the LSMT2-42550-R must be paired with specific electronic peripherals: 1. **Servo Drive (Inverter):** Converts DC bus voltage into a pulse-width modulated (PWM) signal to drive the motor. 2. **Linear Encoder:** Since the motor itself is "open loop," a high-resolution optical or magnetic scale is required to provide position feedback to the controller. 3. **Motion Controller:** Coordinates the acceleration, velocity, and positioning profiles. ---
    ✨ Follow-up Questions
    • ⤷ What are the peak and continuous force ratings for the 42550 model?
    • ⤷ Which servo drives are compatible with the LSMT2 series?
    • ⤷ How does the magnetic track length affect the system setup?