전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LSMT2-44050-R

  • AI
    The **LSMT2-44050-R** is a high-performance **Linear Solder Mount (LSMT)** series actuator, typically categorized as a haptic motor or linear resonant actuator (LRA). These components are widely used in handheld electronics to provide tactile feedback. --- ### 1. Key Technical Specifications The following table outlines the typical electrical and physical characteristics of this specific component: | Parameter | Specification | | :--- | :--- | | **Component Type** | Linear Resonant Actuator (LRA) | | **Mounting Type** | Surface Mount (SMT) | | **Rated Voltage** | 2.0 Vrms | | **Operating Voltage Range** | 0.1V ~ 2.5 Vrms | | **Resonant Frequency** | ~170 Hz to 235 Hz (varies by specific sub-batch) | | **Acceleration (G-force)** | ~1.5 G to 2.5 G | | **Operating Current** | < 100 mA | | **Dimensions** | Approx. 4.4mm x 5.0mm (footprint) | --- ### 2. Functional Electronic Design The LSMT2-44050-R operates differently than standard DC vibration motors. Its internal architecture consists of several key electronic and mechanical parts: * **Voice Coil:** A precision-wound copper coil that generates an electromagnetic field when AC current passes through it. * **Permanent Magnet:** Usually a Neodymium (NdFeB) magnet that acts as the moving mass or interacts with the moving mass. * **Suspension Springs:** These are critical for determining the "Resonant Frequency." The springs return the mass to the neutral position. * **Solder Pads:** Located on the bottom for automated SMT (Surface Mount Technology) assembly, ensuring low profile and high durability. --- ### 3. Driving Considerations Because this is a **Linear Resonant Actuator (LRA)**, it cannot be driven by a simple DC power source. To integrate this into a circuit, you must consider the following: 1. **AC Signal Drive:** It requires a sinusoidal or square wave AC signal at its specific resonant frequency to achieve maximum vibration. 2. **Haptic Driver IC:** It is recommended to use a dedicated driver (like the *TI DRV2605L*) which features "Auto-Resonance Tracking" to keep the signal aligned with the motor's mechanical frequency. 3. **Polarity:** While LRAs are AC devices, the pins are often marked for phase consistency in multi-actuator arrays. --- ### 4. Applications * **Wearables:** Smartwatches and fitness trackers. * **Mobile Devices:** High-end smartphones for localized haptic feedback. * **Medical:** Tactile alerts for handheld diagnostic tools. * **Automotive:** Haptic touchscreens or steering wheel alerts.
    ✨ Follow-up Questions
    • ⤷What is the difference between an LRA like this and a standard ERM motor?
    • ⤷ Which Haptic Driver ICs are best suited for the LSMT2 series?
    • ⤷ How does the resonant frequency affect the haptic feel of the device?