전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LSMT4-1151-R

  • AI
    The **LSMT4-1151-R** is a specific electronic component belonging to the category of **Surface Mount Device (SMD) Tactile Switches**. These are commonly used in consumer electronics, automotive interfaces, and industrial controls where a physical "click" feedback is required. --- ### Technical Specifications Below are the primary electronic and mechanical characteristics of the LSMT4-1151-R: | Feature | Specification | | :--- | :--- | | **Component Type** | Tactile Switch (Momentary) | | **Mounting Type** | Surface Mount (SMT/SMD) | | **Actuation Force** | 160 ± 50 gf (Grams-force) | | **Travel Distance** | 0.25 mm ± 0.1 mm | | **Current Rating** | 50mA | | **Voltage Rating** | 12V DC | | **Contact Resistance** | 100mΩ Max | | **Operating Life** | ~100,000 Cycles | --- ### Internal Construction The switch is composed of four main electronic/mechanical layers: 1. **Actuator (Button):** The top part that the user presses. In the "1151" series, this is typically a low-profile stem. 2. **Contact Dome:** A stainless steel or copper alloy dome. When pressed, it collapses to complete the circuit and provides the tactile "click" sensation. 3. **Base (Housing):** Usually made of high-temperature thermoplastic (like LCP) to withstand reflow soldering temperatures. 4. **Terminals:** Silver-plated leads designed for soldering onto a PCB (Printed Circuit Board). --- ### Typical Circuit Application Tactile switches like the LSMT4-1151-R are generally used as **input signals** for microcontrollers. Because they are momentary (only "on" while pressed), they are often paired with a pull-up or pull-down resistor. ```cpp // Example: Arduino Logic for a Tactile Switch const int switchPin = 2; void setup() { pinMode(switchPin, INPUT_PULLUP); // Internal resistor keeps pin HIGH } void loop() { int state = digitalRead(switchPin); if (state == LOW) { // Switch is pressed, completing the circuit to Ground executeAction(); } } ``` --- ### Key Advantages * **Compact Footprint:** Ideal for high-density PCB designs. * **Tactile Feedback:** Provides clear physical confirmation to the user. * **Durability:** Rated for high-cycle operations despite its small size. * **Reflow Compatible:** Designed to be soldered using automated SMT pick-and-place machines.
    ✨ Follow-up Questions
    • ⤷ What is the physical footprint size (dimensions) of the LSMT4 series?
    • ⤷ How does the 'R' suffix affect the packaging
    • ⤷ such as Tape and Reel?
    • ⤷ What are the recommended soldering temperature profiles for this SMD switch?