전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LSW-0805-R22F-T

  • AI
    The part number **LSW-0805-R22F-T** refers to a high-frequency wire-wound chip inductor. These components are commonly used in RF (Radio Frequency) circuits due to their high Q-factor and stable inductance values. ### 1. Part Number Breakdown The nomenclature for this component typically follows this industry-standard structure: | Code | Segment | Description | | :--- | :--- | :--- | | **LSW** | Series | Low-profile, Surface mount, Wire-wound inductor | | **0805** | Case Size | EIA 0805 (Metric 2012): 2.0mm x 1.25mm | | **R22** | Inductance | **220 nH** (R denotes decimal point in microhenries: 0.22µH) | | **F** | Tolerance | **±1%** (High precision) | | **T** | Packaging | Tape & Reel | --- ### 2. Technical Specifications While exact values can vary slightly by manufacturer (such as Taiyo Yuden or Chilisin), the typical specifications for a 0805 220nH wire-wound inductor are: * **Inductance:** 220 nH * **Tolerance:** ±1% (Standard for "F" suffix) * **Quality Factor (Q):** Usually 25–50 min (measured at ~250 MHz) * **Self-Resonant Frequency (SRF):** Approximately 900 MHz to 1.2 GHz * **DC Resistance (DCR):** ~0.50 to 0.70 Ohms (Max) * **Rated Current:** ~300mA to 500mA --- ### 3. Key Features & Applications #### Features * **Wire-Wound Construction:** Provides significantly higher Q factors and higher current handling compared to multilayer ceramic inductors. * **High Precision:** The 1% tolerance makes it ideal for tuning circuits. * **Compact Footprint:** The 0805 size is small enough for modern mobile electronics but large enough for easy automated assembly. #### Applications * **RF Matching:** Used in impedance matching networks for antennas. * **Filter Circuits:** High-pass, low-pass, and band-pass filters for wireless communication. * **Oscillators:** Frequency stabilization in VCOs (Voltage Controlled Oscillators). * **Mobile Communication:** Bluetooth, Wi-Fi, and cellular RF modules. --- ### 4. Footprint Dimensions (EIA 0805) ```text <--- 2.0mm ---> _______________ ^ | | | | Ind | 1.25mm |_______________| | v ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between wire-wound and multilayer inductors in RF applications?
    • ⤷ How does the Q-factor impact the performance of this inductor in a filter circuit?
    • ⤷ Can you provide a cross-reference for this part from another manufacturer?