전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LSWM-453232-R12J-B

  • AI
    The **LSWM-453232-R12J-B** is a surface-mount (SMD) wire-wound inductor, typically used for high-frequency filtering and signal processing. Based on the standard alphanumeric naming conventions for electronic components (likely from a manufacturer like ABC Taiwan or similar), here is the detailed breakdown. ### 1. Part Number Deciphering The part number follows a specific syntax that describes its physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **LSWM** | Series Name | Low profile, Surface-mount, Wire-wound Molded inductor. | | **453232** | Dimensions | Metric size: 4.5mm x 3.2mm x 3.2mm (approx. 1812 case size). | | **R12** | Inductance Value | **0.12 µH** (R denotes the decimal point). | | **J** | Tolerance | **±5%** (Standard tolerance for precision inductors). | | **B** | Packaging/Special | Often indicates Bulk or a specific plating/coating type. | --- ### 2. Technical Specifications While exact values can vary slightly by manufacturer, the standard specifications for a 453232-R12J are: * **Inductance:** 0.12 µH * **Tolerance:** ±5% (J) * **Case Size:** 1812 (Imperial) / 4532 (Metric) * **Core Material:** Usually Ferrite or Ceramic (depending on the frequency target). * **Mounting Type:** SMD/SMT (Surface Mount Technology). * **Operating Temperature:** Typically -40°C to +125°C. --- ### 3. Application and Usage These components are designed for stability and high-performance filtering. #### Common Uses: * **RF Circuits:** Used in high-frequency communication equipment due to the stable Q factor. * **EMI Suppression:** Filtering out high-frequency noise in power supply lines. * **Signal Decoupling:** Preventing interference between different stages of a circuit. * **Consumer Electronics:** Found in TVs, set-top boxes, and broadband modems. --- ### 4. Typical Footprint (Dimensions) The "453232" code indicates the physical volume of the component: | Dimension | Measurement (mm) | | :--- | :--- | | **Length (L)** | 4.5 ± 0.3 mm | | **Width (W)** | 3.2 ± 0.2 mm | | **Height (T)** | 3.2 ± 0.2 mm | --- ### 5. Equivalent Components If you are looking for alternatives, you can search for the **1812 (4532)** package size with a **120nH (0.12µH)** inductance rating from manufacturers like: * TDK (NLV series) * Murata (LQH series) * Bourns (CM series)
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating (Idc) for this specific inductor size?
    • ⤷ How does the 'Q factor' of a wire-wound inductor compare to a multilayer inductor?
    • ⤷ Can this part be used in automotive applications requiring AEC-Q200 certification?