전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LSWM-453232-R12K-T

  • AI
    The **LSWM-453232-R12K-T** is a surface-mount (SMD) wire-wound inductor. It is designed for general-purpose filtering, decoupling, and energy storage in electronic circuits. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **LSWM** | Series Type | Wire-wound chip inductor (Standard/General Purpose). | | **453232** | Case Size | Dimensions: 4.5mm x 3.2mm x 3.2mm (Metric). | | **R12** | Inductance | 0.12 microhenries (µH). "R" represents the decimal point. | | **K** | Tolerance | ±10% (Industry standard for wire-wound inductors). | | **T** | Packaging | Tape and Reel (Standard for automated assembly). | --- ### 2. Technical Specifications While exact values can vary slightly by manufacturer (often Taiyo Yuden or similar brands), the typical specifications for this series are as follows: - **Inductance:** 0.12 µH - **Tolerance:** ±10% - **DC Resistance (DCR):** Usually very low (typically < 0.25 Ω), allowing for high efficiency. - **Rated Current:** Generally ranges between 400mA to 800mA depending on the specific heat rise limits. - **Self-Resonant Frequency (SRF):** High frequency (typically > 500 MHz), making it suitable for RF applications. - **Operating Temperature:** -40°C to +105°C (standard automotive/industrial grade). --- ### 3. Key Applications This specific inductor is commonly found in circuits requiring high reliability and stable inductance: 1. **Power Supply Decoupling:** Used to filter high-frequency noise from power lines in smartphones and laptops. 2. **RF Circuits:** Due to the wire-wound construction, it provides a high Q factor, making it useful for signal processing. 3. **DC-DC Converters:** Small-scale voltage regulation modules. --- ### 4. Comparison Table: Wire-wound vs. Multilayer | Feature | Wire-wound (LSWM) | Multilayer Inductors | | :--- | :--- | :--- | | **Q Factor** | High | Low to Medium | | **Current Handling** | Better | Lower | | **Size** | Larger (4532) | Extremely small | | **Cost** | Slightly Higher | Lower |
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the LSWM-453232 series?
    • ⤷ How does the Q factor of this inductor affect RF signal quality?
    • ⤷ What are the recommended soldering profiles for this SMD component?