LSWM-453232-R12M-B
AI

The **LSWM-453232-R12M-B** is a surface-mount (SMD) wire-wound chip inductor. It is designed for high-frequency circuits and power management applications where stability and compact sizing are required.
### 1. Technical Specifications Breakdown
The alphanumeric code provides specific details regarding its dimensions and electrical properties:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Series** | LSWM | Wire-wound chip inductor series |
| **Size Code** | 453232 | Dimensions in mm: 4.5 x 3.2 x 3.2 mm (approx. 1812 case size) |
| **Inductance** | R12 | **0.12 µH** (R denotes decimal point) |
| **Tolerance** | M | **±20%** tolerance |
| **Packaging** | B | Bulk or specific reel packaging (brand dependent) |
---
### 2. Core Electrical Characteristics
While specific brand datasheets (like Taiyo Yuden or Bourns equivalents) may vary slightly, typical characteristics for this part include:
* **High Q Factor:** Wire-wound construction provides a higher Quality factor compared to multilayer inductors, making it efficient for RF applications.
* **Current Handling:** Due to the 4532 (1812) footprint, it can handle higher DC currents (typically ranging from 400mA to 800mA depending on the specific manufacturer).
* **SRF (Self-Resonant Frequency):** Usually high, often exceeding 500 MHz, allowing it to function effectively in high-frequency filtering.
* **DCR (DC Resistance):** Low resistance to minimize power loss and heat generation.
---
### 3. Physical Construction
The part is constructed using a **ceramic or ferrite core** with a copper wire wrapped around it. The exterior is often coated with an epoxy resin for mechanical protection and heat resistance.
#### Internal Structure Diagram
```text
[ Wire Winding ]
_____________________
| _______________ |
| | CORE | | <-- Ferrite or Ceramic
| |_______________| |
|_____________________|
[Terminal] [Terminal]
```
---
### 4. Common Applications
1. **Telecommunications:** Used in mobile phones and base stations for high-frequency signal processing.
2. **Power Supply:** Functions as a filter or decoupling component in DC-DC converters to reduce ripple.
3. **Consumer Electronics:** Found in motherboards and tablets for EMI (Electromagnetic Interference) suppression.
---
- ⤷
What is the maximum operating temperature for the LSWM-453232 series?
- ⤷ How does this wire-wound inductor compare to a multilayer inductor of the same size?
- ⤷ Can you provide the footprint layout (land pattern) for the 453232 package?