전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LSWM-453232-R18M-B

  • AI
    The **LSWM-453232-R18M-B** is a high-performance **Wire-Wound Surface Mount (SMD) Inductor**. It is part of a series designed for high-frequency applications where stability and high Q-factors are required. --- ### 1. Part Number Breakdown The part number follows a standard industry nomenclature for inductors: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **LSWM** | Series Code | Wire-wound chip inductor series. | | **453232** | Case Size | Dimensions: 4.5mm x 3.2mm x 3.2mm (Metric 4532 / EIA 1812). | | **R18** | Inductance Value | **0.18 µH** (R denotes the decimal point). | | **M** | Tolerance | **±20%** tolerance. | | **B** | Packaging/Special | Often refers to Bulk or a specific plating/base material. | --- ### 2. Key Specifications While specific datasheets vary by manufacturer (often associated with brands like Taiyo Yuden or Bourns alternatives), the general electrical characteristics for this part are: * **Inductance:** 0.18 µH. * **Q-Factor:** Typically high (30–50+) at a specified test frequency (e.g., 25.2 MHz). * **Self-Resonant Frequency (SRF):** Usually above 400 MHz, making it suitable for RF filtering. * **DC Resistance (DCR):** Low resistance (typically < 0.50 Ω) to minimize power loss. * **Rated Current:** Capable of handling moderate current (approx. 400mA to 800mA depending on the temperature rise). --- ### 3. Construction and Materials The "Wire-Wound" construction offers several advantages over multilayer inductors: * **High Q-Factor:** Lower energy loss at high frequencies. * **High Current Handling:** The physical wire can carry more current than printed silver traces. * **Accuracy:** Better precision for tuning circuits. --- ### 4. Typical Applications These components are commonly found in: 1. **RF Circuits:** Used in impedance matching and signal filtering. 2. **Communication Devices:** Mobile phones, Wi-Fi modules, and GPS receivers. 3. **Power Management:** Small DC-DC converters where low-profile SMD parts are required. 4. **Audio/Video:** EMI suppression in high-speed signal lines. --- ### 5. Technical Considerations When implementing this part in a PCB design: * **Footprint:** Ensure the landing pattern matches the **1812 (EIA)** standard. * **Orientation:** Wire-wound inductors can have polarity-like sensitivity due to magnetic coupling; follow the marking on the component if present. * **Thermal:** Ensure the ambient temperature does not exceed the rated operating temperature (usually -40°C to +125°C).
    ✨ Follow-up Questions
    • ⤷ What are the alternatives to wire-wound inductors for high-frequency filtering?
    • ⤷ How does the Q-factor affect the performance of this inductor in an RF circuit?
    • ⤷ Can this inductor be used in high-power automotive applications?